Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8ALL-R104TLI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS66WVR4M8ALL-R104TLI
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8ALL-R104TLI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8ALL-R104TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
10
Rev. A2
07/08/2024
4. Interface Description
4.1 ADDRESS SPACE
Serial PSRAM device is byte-addressable. 32Mb device is addressed with A21 to A0.
4.2 DRIVER STRENGTH
Driver strength is 50 ohm measured at ½ VDD.
4.3 POWER-ON STATUS
The device powers up in SPI mode.
At least one clock pulse of CE# HIGH is needed before beginning any operations.
4.4 COMMAND/ADDRESS LATCHING TRUTH
The device recognizes the following commands specified by the various input methods.
Table 4.1 Commands recognized by the device
SPI Mode
QPI Mode
Command
Code
CMD
Add
Wait
Cycle
DIO
Max
Freq.
CMD
Add
Wait
Cycle
DIO
Max
Freq.
Read
03h
S
S
0
S
33
Q
Q
4
Q
84
Fast Read
0Bh
S
S
8
S
104
Q
Q
4
Q
84
Quad IO Read
EBh
S
Q
6
Q
104
Q
Q
6
Q
104
Write
02h
S
S
0
S
104
Q
Q
0
Q
104
Quad IO Write
38h
S
Q
0
Q
104
Q
Q
0
Q
104
Enter QPI mode
35h
S
-
-
-
-
NA
Exit QPI mode
F5h
NA
Q
-
-
-
104
RESET Enable
66h
S
-
-
-
104
Q
-
-
-
104
RESET
99h
S
-
-
-
104
Q
-
-
-
104
Read ID
9Fh
S
S
0
S
104
Q
-
6
Q
104
DPD mode Entry
B9h
S
-
-
-
104
Q
-
-
-
104
Note:
1. 03h command in QPI mode is the same with and 0Bh command in QPI Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com