Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8ALL-R104TLI Datasheet(PDF) 16 Page - Integrated Silicon Solution, Inc

Part # IS66WVR4M8ALL-R104TLI
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8ALL-R104TLI Datasheet(HTML) 16 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8ALL-R104TLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 20Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
16
Rev. A2
07/08/2024
5.4 QPI FAST READ OPERATION
For all reads in QPI mode, data will be available for tACLK after the falling edge of clock. QPI reads can be done
in two ways:
03h: Quad CMD, Quad IO, fast frequency (up to 84MHz, 4 Wait Cycles)
0Bh: Quad CMD, Quad IO, fast frequency (up to 84MHz, 4 Wait Cycles)
EBh: Quad CMD, Quad IO, fast frequency (up to 104MHz, 6-Wait Cycles)
Figure 5.7 QPI Fast Read, 03h/0Bh (Max Frequency: 84MHz)
CE#
CLK
Cmd
Read
SIO[3:0]
0
1
0
B
2
3
4
5
6
7
8
9
10
11
23:20
15:12
7:4
3:0
11:8
19:16
24 Bits Address
12
Data Out 1
13
14
7:4
3:0
7:4
3:0
Data Out 2
Wait Cycles
(4 Clocks)
High-Z
tACLK
Note:
1. Data out goes to High-Z after CE# transitions to HIGH (tHZ).
Figure 5.8 QPI Fast Read, EBh (Max Frequency: 104MHz)
CE#
CLK
Cmd
Read
SIO[3:0]
0
1
E
B
2
3
4
5
6
7
8
9
10
13
23:20
15:12
7:4
3:0
11:8
19:16
24 Bits Address
14
Data Out 1
15
16
7:4
3:0
7:4
3:0
Data Out 2
Wait Cycles
(6 Clocks)
High-Z
tACLK
11
12
Note:
1. Data out goes to High-Z after CE# transitions to HIGH (tHZ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com