Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8ALL-R104TLI Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS66WVR4M8ALL-R104TLI
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8ALL-R104TLI Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8ALL-R104TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104TLI Datasheet HTML 16Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
12
Rev. A2
07/08/2024
5. READ/WRITE OPERATIONS
For all reads, data will be available for tACLK after the falling edge of clock continuously until CE# goes to
HIGH. After the last address of cell array, it automatically wraps to 1st address of the cell array.
For all writes, the address will also continuously advance to next address until CE# goes to HIGH. After the
last address of cell array, it automatically wraps to 1st address of the cell array.
5.1 SPI READ OPERATIONS
For all reads, data will be available for tACLK after the falling edge of clock. SPI reads can be done in three
ways:
03h: Serial CMD, Serial IO, slow frequency (1-1-1, 0 Wait Cycle)
0Bh: Serial CMD, Serial IO, fast frequency (1-1-1, 8 Wait Cycles)
EBh: Serial CMD, Quad IO, fast frequency (1-4-4, 6 Wait Cycles)
Figure 5.1 SPI Read, 03h (1-1-1, Max frequency: 33MHz)
CE#
CLK
SI
0
1
0
0
2
3
4
5
6
7
8
9
10
30
0
0
1
1
0
0
24 Bits Address
31
32
33
tACLK
29
34
41
23
22
21
2
0
1
Cmd
SPI Read(03h)
SO
Q7
Q6
Q4
Q2
Q1
Q3
Q5
Data Out 1
Data out 2
High-Z
Q0
Q7
Q6
36
37
38
39
35
40
Note:
1. Data out goes to High-Z after CE# transitions to HIGH (tHZ).
Figure 5.2 SPI Fast Read, 0Bh (1-1-1, Max frequency: 104MHz)
CE#
CLK
SI
0
1
0
0
2
3
4
5
6
7
8
9
10
30
0
1
1
1
0
0
24 Bits Address
31
32
33
tACLK
29
44
23
22
21
2
0
1
Cmd
SPI Fast Read(0Bh)
SO
Q7
Q6
Q4
Q2
Q1
Q3
Q5
Data Out 1
Data out 2
High-Z
Wait Cycles
(8 Clocks)
Q0
Q7
Q6
39
40
41
42
38
43
48
45
46
47
Note:
1. Data out goes to High-Z after CE# transitions to HIGH (tHZ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com