Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 52 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M41ST87W_V01 Datasheet HTML 46Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 47Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 48Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 49Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 50Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 51Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 52Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 53Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Part numbering
M41ST87W
52/54
DocID9497 Rev 11
8
Part numbering
Table 26: Ordering information scheme
Example:
M41ST
87Y
MX
6
TR
Device type
M41ST
Supply voltage and write protect voltage
87Y = VCC = 4.75 to 5.5 V
(1)
THS bit = '1': 4.50 V ≤ VPFD ≤ 4.75 V
VCC = 4.5 to 5.5 V
THS bit = '0': 4.20 V ≤ VPFD ≤ 4.50 V
87W = VCC = 3.0 to 3.6 V;
THS bit = '1': 2.80 V ≤ VPFD ≤ 3.00 V
VCC = 2.7 to 3.6 V;
THS bit = '0': 2.55 V ≤ VPFD ≤ 2.70 V
Package
MX = SOX28
(2)(3)
SS = SSOP20
(4)
Temperature range
6 = –40 to 85 °C
Shipping method
For SOX28:
Blank = ECOPACK
® package, tubes (Not for new design - use TR)(1)
TR = ECOPACK
® package, tape and reel
For SSOP20:
F = ECOPACK
® package, tape and reel
Notes:
(1)
Not recommended for new design. Contact ST sales office for availability.
(2)
Lead-free second level interconnect and RoHS compliant (by exemption).
(3)
The SOX28 package includes an embedded 32,768 Hz crystal.
(4)
Available in 3.3 V (W) version only.
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com