Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 53 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M41ST87W_V01 Datasheet HTML 46Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 47Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 48Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 49Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 50Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 51Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 52Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 53Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
M41ST87W
Revision history
DocID9497 Rev 11
53/54
9
Revision history
Table 27: Document revision history
Date
Revision
Changes
May-2002
1
First issue.
23-Apr-2003
2
Document promoted to preliminary data.
10-Jul-2003
2.1
Update tamper information (Figure 4, 5, 14, 15, 16; Table 17, 4, 12).
11-Sep-2003
2.2
Update electrical, charge pump, and clock information (Table 17;
Figure 5, 19, 20).
15-Jun-2004
3
Reformatted; added lead-free information; updated characteristics
(Figure 2; Table 1, 14, 17, 24).
7-Sep-2004
4
Update maximum ratings (Table 14).
29-Jun-2005
5
Clarify NC connections, add inadvertent tamper, update MX attribute
(Figure 2, 21; Table 1, 6, 24).
28-Mar-2006
6
Update to “Avoiding inadvertent tamper paragraph“ paragraph.
10-Sep-2008
7
Reformatted document and title change; updated cover page,
Figure 4, 15, 20, Section 6: Package mechanical data.
31-Mar-2010
8
Added SSOP 20-pin package (updated cover page, Section 1.1,
Figure 1, 4, 5, 13, 28, Table 1, 2, Section 3.4, Section 3.8, added
Figure 3, 30, Table 18, 21, Section 8); updated Table 11, 14, 17, 18,
24, Figure 10, 11, Figure 15.16, 19, 24, 27, 28, text in Section 1,
Section 2, Section 2.1, Section 2.1.5, Section 2.4, Section 2.5,
Section 2.6.1, Section 2.6.3, Section 2.6.5, Section 2.6.6,
Section 2.6.8, Section 2.6.9, Section 2.7, Section 2.8, Section 3,
Section 3.0.1, Section 3.1, Section 3.2, Section 3.3, Section 3.4,
Section 3.8, Section 3.9, Section 3.11, Section 3.13, Section 3.16,
Section 3.17, Section 6; reformatted document.
25-Jan-2011
9
5.0 V version of device (M41ST87Y) is not recommended for new
design (updated cover page, Table 24); added tape and reel
specifications (Figure 31, 32, 33, Table 22, 23).
03-Oct-2011
10
Updated Table 24: Ordering information scheme as the shipping
method in tubes is not recommended for new design.
19-May-2016
11
Updated Figure 3: "20-pin, SSOP connections"
Added Table 2: "I2C slave address"
Added Tj to Table 16: "Absolute maximum ratings"
Revised presentation of Section 6.1: "SOX28 package information"
Removed section entitled “References”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com