Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 15 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M41ST87W_V01 Datasheet HTML 11Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 12Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 13Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 14Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 15Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 16Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 17Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 18Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
M41ST87W
Operating modes
DocID9497 Rev 11
15/54
Table 3: AC characteristics
Symbol
Parameter
(1)
Min
Max
Unit
f SCL
SCL clock frequency
0
400
kHz
tBUF
Time the bus must be free before a new transmission can start
1.3
µs
tEXPD
(2)
EXtoE̅CONpropagationdelay
M41ST87Y
10
ns
M41ST87W
15
ns
tF
SDA and SCL fall time
300
ns
tHD:DAT
(3)
Data hold time
0
µs
tHD:STA
START condition hold time
(after this period the first clock pulse is generated)
600
ns
tHIGH
Clock high period
600
ns
tLOW
Clock low period
1.3
µs
tR
SDA and SCL rise time
300
ns
tSU:DAT
Data setup time
100
ns
tSU:STA
START condition setup time
(only relevant for a repeated start condition)
600
ns
tSU:STO
STOP condition setup time
600
ns
Notes:
(1)
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 4.5 to 5.5 V or 2.7 to 3.6 V (except where noted).
(2)
Available in SOX28 package only.
(3)
Transmitter must internally provide a hold time to bridge the undefined region (300 ns max) of the falling edge of SCL.
2.2
READ mode
In this mode the master reads the M41ST87Y/W slave after setting the slave address (see
Figure 9: "Slave address location"
). Following the WRITE mode control bit (R/W̅=0) and the
acknowledge bit, the word address 'An' is written to the on-chip address pointer. Next the
START condition and slave address are repeated followed by the READ mode control bit
(R/W̅=1). At this point the master transmitter becomes the master receiver.
The data byte which was addressed will be transmitted and the master receiver will send
an acknowledge bit to the slave transmitter. The address pointer is only incremented on
reception of an acknowledge clock. The M41ST87Y/W slave transmitter will now place the
data byte at address An+1 on the bus, the master receiver reads and acknowledges the
new byte and the address pointer is incremented to An+2.
This cycle of reading consecutive addresses will continue until the master receiver sends a
STOP condition to the slave transmitter (see Figure 10: "READ mode sequence").
The system-to-user transfer of clock data will be halted whenever the address being read is
a clock address (00h to 07h). The update will resume either due to a stop condition or
when the pointer increments to a non-clock or RAM address.
Note: This is true both in READ mode and WRITE mode.
An alternate READ mode may also be implemented whereby the master reads the
M41ST87Y/W slave without first writing to the (volatile) address pointer. The first address
that is read is the last one stored in the pointer (see Figure 11: "Alternate READ mode
sequence").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com