Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M41ST85WMX6F
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M41ST85WMX6F Datasheet HTML 25Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 26Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 27Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 28Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 29Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 30Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 31Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 32Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
DocID7531 Rev 12
29/43
M41ST85W
Maximum ratings
43
4
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Caution:
Negative undershoots below –0.3 V are not allowed on any pin while in the battery backup
mode.
Caution:
Do NOT wave solder SOIC to avoid damaging SNAPHAT sockets.
Table 8. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off, oscillator
off)
SNAPHAT®
–40 to 85
°C
SOIC
–55 to 150
°C
TSLD
Lead solder temperature for 10 seconds
SOH28(1)
1. For SOH28 package, lead-free (pb-free) lead finish: reflow at peak temperature of 260°C (the time above
255°C must not exceed 30 seconds).
260
°C
SOX28(2)
2. The SOX28 package has lead-free (pb-free) lead finish, but cannot be exposed to peak reflow temperature
in excess of 240°C. Reflow at peak temperature of 240°C (the time above 235°C must not exceed 20
seconds).
240
°C
VIO
Input or output voltage
–0.3 to VCC+0.3
V
VCC
Supply voltage
–0.3 to 4.6
V
IO
Output current
20
mA
PD
Power dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com