Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6F Datasheet(PDF) 30 Page - STMicroelectronics

Part # M41ST85WMX6F
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M41ST85WMX6F Datasheet HTML 26Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 27Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 28Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 29Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 30Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 31Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 32Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 33Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
DC and AC parameters
M41ST85W
30/43
DocID7531 Rev 12
5
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC characteristic
tables are derived from tests performed under the measurement conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Note:
Output High Z is defined as the point where data is no longer driven.
Figure 18. AC testing input/output waveforms
Table 10. Capacitance
Table 9. DC and AC measurement conditions
Parameter
M41ST85W
VCC supply voltage
2.7 to 3.6 V
Ambient operating temperature
–40 to 85°C
Load capacitance (CL)
50 pF
Input rise and fall times
≤ 50 ns
Input pulse voltages
0.2 to 0.8VCC
Input and output timing ref. voltages
0.3 to 0.7VCC
Symbol
Parameter(1)(2)
1. Effective capacitance measured with power supply at 5 V. Sampled only, not 100% tested.
2. At 25°C, f = 1 MHz.
Min
Max
Unit
CIN
Input capacitance
7
pF
COUT
(3)
3. Outputs are deselected.
Output capacitance
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
50
ns
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Table 11. DC characteristics
Sym
Parameter
Test condition(1)
M41ST85W
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com