Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6F Datasheet(PDF) 32 Page - STMicroelectronics

Part # M41ST85WMX6F
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6F Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M41ST85WMX6F Datasheet HTML 28Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 29Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 30Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 31Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 32Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 33Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 34Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 35Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
DC and AC parameters
M41ST85W
32/43
DocID7531 Rev 12
Figure 19. Bus timing requirements sequence
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P
Table 12. AC characteristics
Symbol
Parameter(1)
Min
Max
Unit
tSCL
SCL clock frequency
0
400
kHz
tBUF
Time the bus must be free before a new transmission can start
1.3
µs
tEXPD
EX to ECON propagation delay
15
ns
tF
SDA and SCL fall time
300
ns
tHD:DAT
(2)
Data hold time
0
µs
tHD:STA
START condition hold time (after this period the first clock pulse is generated)
600
ns
tHIGH
Clock high period
600
ns
tLOW
Clock low period
1.3
µs
tR
SDA and SCL rise time
300
ns
tSU:DAT
Data setup time
100
ns
tSU:STA
START condition setup time (only relevant for a repeated start condition)
600
ns
tSU:STO
STOP condition setup time
600
ns
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6 V (except where otherwise noted).
2.
Transmitter must internally provide a hold time to bridge the undefined region (300 ns max) of the falling edge of SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com