Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00S Datasheet(PDF) 14 Page - STMicroelectronics

Part # M41T00S
Description  Serial real-time clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M41T00S Datasheet HTML 10Page - STMicroelectronics M41T00S Datasheet HTML 11Page - STMicroelectronics M41T00S Datasheet HTML 12Page - STMicroelectronics M41T00S Datasheet HTML 13Page - STMicroelectronics M41T00S Datasheet HTML 14Page - STMicroelectronics M41T00S Datasheet HTML 15Page - STMicroelectronics M41T00S Datasheet HTML 16Page - STMicroelectronics M41T00S Datasheet HTML 17Page - STMicroelectronics M41T00S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Clock operation
M41T00S
14/28
DocID10772 Rev 7
Therefore, each calibration step has the effect of adding 512 or subtracting 256 oscillator
cycles for every 125,829,120 actual oscillator cycles, that is +4.068 or –2.034 ppm of
adjustment per calibration step in the calibration register (see Figure 11 on page 15).
Assuming that the oscillator is running at exactly 32,768 Hz, each of the 31 increments in
the calibration byte would represent +10.7 or –5.35 seconds per month which corresponds
to a total range of +5.5 or –2.75 minutes per month.
Two methods are available for ascertaining how much calibration a given M41T00S may
require.
The first involves setting the clock, letting it run for a month and comparing it to a known
accurate reference and recording deviation over a fixed period of time. Calibration values,
including the number of seconds lost or gained in a given period, can be found in application
note AN934, “TIMEKEEPER® calibration.” This allows the designer to give the end user the
ability to calibrate the clock as the environment requires, even if the final product is
packaged in a non-user serviceable enclosure. The designer could provide a simple utility
that accesses the calibration byte.
The second approach is better suited to a manufacturing environment, and involves the use
of the FT/OUT pin. The pin will toggle at 512 Hz, when the Stop bit (ST, D7 of 00h) is '0,' and
the Frequency Test bit (FT, D6 of 07h) is '1.'
Any deviation from 512 Hz indicates the degree and direction of oscillator frequency shift at
the test temperature. For example, a reading of 512.010124 Hz would indicate a +20 ppm
oscillator frequency error, requiring a –10 (XX001010) to be loaded into the calibration byte
for correction. Note that setting or changing the calibration byte does not affect the
frequency test output frequency.
The FT/OUT pin is an open drain output which requires a pull-up resistor to VCC for proper
operation. A 500-10k resistor is recommended in order to control the rise time. The FT bit is
cleared on power-down.
Note:
The Frequency test is not available in battery mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com