Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00S Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T00S
Description  Serial real-time clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T00S Datasheet HTML 15Page - STMicroelectronics M41T00S Datasheet HTML 16Page - STMicroelectronics M41T00S Datasheet HTML 17Page - STMicroelectronics M41T00S Datasheet HTML 18Page - STMicroelectronics M41T00S Datasheet HTML 19Page - STMicroelectronics M41T00S Datasheet HTML 20Page - STMicroelectronics M41T00S Datasheet HTML 21Page - STMicroelectronics M41T00S Datasheet HTML 22Page - STMicroelectronics M41T00S Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
DocID10772 Rev 7
19/28
M41T00S
DC and AC parameters
Table 8. DC characteristics
Sym
Parameter
Test condition(1)
Min
Typ
Max
Unit
ILI
Input leakage current
0 V
≤ V
IN ≤ VCC
±1
µA
ILO
Output leakage current
0 V
≤ V
OUT ≤ VCC
±1
µA
ICC1
Supply current
Switch freq = 400 kHz
300
µA
ICC2
Supply current (standby)
SCL = 0 Hz
All Inputs
≥ V
CC – 0.2 V
≤ V
SS + 0.2 V
70
µA
VIL
Input low voltage
–0.3
0.3VCC
V
VIH
Input high voltage
0.7VCC
VCC + 0.3
V
VOL
Output low voltage
IOL = 3.0 mA
0.4
V
Output low voltage (open drain)(2)
IOL = 10 mA
0.4
V
Pull-up supply voltage (open drain)
FT/OUT
5.5
V
VBAT
(3) Backup supply voltage
2.0
3.5(4)
V
IBAT
Battery supply current
TA = 25 °C, VCC = 0 V
Oscillator ON, VBAT = 3 V
0.6
1
µA
1. Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.7 to 5.5 V (except where noted).
2. For FT/OUT pin (open drain).
3. STMicroelectronics recommends the RAYOVAC BR1225 or BR1632 (or equivalent) as the battery supply.
4. For rechargeable backup, VBAT (max) may be considered to be VCC.
Table 9. Crystal electrical characteristics
Sym
Parameter(1)(2)
Min
Typ
Max
Unit
fO
Resonant frequency
32.768
kHz
RS
Series resistance
60(3)
k
Ω
CL
Load capacitance
12.5
pF
1. Externally supplied if using the SO8 package. STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, Tuning
Fork Type (thru-hole) or the DMX-26S: 1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations. KDS
can be contacted at kouhou@kdsj.co.jp or http://www.kdsj.co.jp for further information on this crystal type.
2. Load capacitors are integrated within the M41T00S. Circuit board layout considerations for the 32.768 kHz crystal of
minimum trace lengths and isolation from RF generating signals should be taken into account.
3. For applications requiring backup supply operation below 2.5 V, RS (max) should be considered 40 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com