Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00S Datasheet(PDF) 15 Page - STMicroelectronics

Part # M41T00S
Description  Serial real-time clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M41T00S Datasheet HTML 11Page - STMicroelectronics M41T00S Datasheet HTML 12Page - STMicroelectronics M41T00S Datasheet HTML 13Page - STMicroelectronics M41T00S Datasheet HTML 14Page - STMicroelectronics M41T00S Datasheet HTML 15Page - STMicroelectronics M41T00S Datasheet HTML 16Page - STMicroelectronics M41T00S Datasheet HTML 17Page - STMicroelectronics M41T00S Datasheet HTML 18Page - STMicroelectronics M41T00S Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
DocID10772 Rev 7
15/28
M41T00S
Clock operation
Figure 10. Crystal accuracy across temperature
Figure 11. Clock calibration
3.2.1
Century bit
Bits D7 and D6 of clock register 02h contain the CENTURY ENABLE bit (CEB) and the
CENTURY bit (CB). Setting CEB to a '1' will cause CB to toggle, either from a '0' to '1' or
from '1' to '0' at the turn of the century (depending upon its initial state). If CEB is set to a '0,'
CB will not toggle.
3.2.2
Oscillator fail detection
If the Oscillator Fail bit (OF) is internally set to '1,' this indicates that the oscillator has either
stopped, or was stopped for some period of time and can be used to judge the validity of the
clock and date data.
AI07888
–160
0
10
20
30
40
50
60
70
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/
°C2 ± 0.006 ppm/°C2
K
∆F
= K x (T – T
O)
2
F
T
O = 25°C ± 5°C
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com