Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00M6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T00M6F
Description  Serial real-time clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00M6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T00M6F Datasheet HTML 9Page - STMicroelectronics M41T00M6F Datasheet HTML 10Page - STMicroelectronics M41T00M6F Datasheet HTML 11Page - STMicroelectronics M41T00M6F Datasheet HTML 12Page - STMicroelectronics M41T00M6F Datasheet HTML 13Page - STMicroelectronics M41T00M6F Datasheet HTML 14Page - STMicroelectronics M41T00M6F Datasheet HTML 15Page - STMicroelectronics M41T00M6F Datasheet HTML 16Page - STMicroelectronics M41T00M6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID6100 Rev 10
13/25
M41T00
Device operation
25
Table 4. RTC power down/up trip points dc characteristics
Symbol
Parameter(1)(2)
1. Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.0 to 5.5 V (except where otherwise
noted).
2. All voltages referenced to VSS.
Min
Typ
Max(3)
3. In 3.3 V application, if initial battery voltage is > 3.4 V, it may be necessary to reduce battery voltage (i.e.,
through wave soldering the battery) in order to avoid inadvertent switchover/deselection for VCC -10 %
operation.
Unit
VSO(4)
4. Switchover and deselect point.
Backup switchover voltage
VBAT -0.80
VBAT -0.50 VBAT -0.30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com