Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00M6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T00M6F
Description  Serial real-time clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00M6F Datasheet(HTML) 1 Page - STMicroelectronics

  M41T00M6F Datasheet HTML 1Page - STMicroelectronics M41T00M6F Datasheet HTML 2Page - STMicroelectronics M41T00M6F Datasheet HTML 3Page - STMicroelectronics M41T00M6F Datasheet HTML 4Page - STMicroelectronics M41T00M6F Datasheet HTML 5Page - STMicroelectronics M41T00M6F Datasheet HTML 6Page - STMicroelectronics M41T00M6F Datasheet HTML 7Page - STMicroelectronics M41T00M6F Datasheet HTML 8Page - STMicroelectronics M41T00M6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
June 2015
DocID6100 Rev 10
1/25
M41T00
Serial real-time clock
Datasheet
- production data
Features
 For new designs use M41T00S
 Counters for seconds, minutes, hours, day,
month, years, and century
 32 kHz crystal oscillator integrating load
capacitance (12.5 pF) providing exceptional
oscillator stability and high crystal series
resistance operation
 Serial interface supports I2C bus (100 kHz
protocol)
 Ultra low battery supply current of 0.8 μA
(typ at 3 V)
 2.0 to 5.5 V clock operating voltage
 Automatic switchover and deselect circuitry
(for 3 V application select M41T00S datasheet)
 Software clock calibration to compensate
crystal deviation due to temperature
 Automatic leap year compensation
 Operating temperature of -40 to 85 °C
Description
The M41T00 is a low power serial real-time clock
with a built-in 32.768 kHz oscillator (external
crystal controlled). Eight bytes of the RAM are
used for the clock/calendar function and are
configured in binary-coded decimal (BCD) format.
Addresses and data are transferred serially via a
two-line bidirectional bus. The built-in address
register is incremented automatically after each
WRITE or READ data byte.
The M41T00 clock has a built-in power sense
circuit which detects power failures and
automatically switches to the battery supply
during power failures. The energy needed to
sustain the RAM and clock operations can be
supplied from a small lithium coin cell.
Typical data retention time is in excess of 5 years
with a 50 mA/h 3 V lithium cell (see Section 2.10:
Data retention mode for AC/DC characteristics).
The M41T00 is supplied in an 8-lead plastic small
outline package.
8
1
SO8
www.st.com


Similar Part No. - M41T00M6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00M6F STMICROELECTRONICS-M41T00M6F Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
More results

Similar Description - M41T00M6F

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
SERIAL REAL-TIME CLOCK
23-Jul-2004
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
Serial real-time clock
13-May-2008
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
SERIAL REAL-TIME CLOCK
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
Serial real-time clock
09-Jun-2011
logo
Integrated Device Techn...
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
Serial Real-Time Clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
Serial Real-Time Clock
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com