Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00M6F Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T00M6F
Description  Serial real-time clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00M6F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T00M6F Datasheet HTML 16Page - STMicroelectronics M41T00M6F Datasheet HTML 17Page - STMicroelectronics M41T00M6F Datasheet HTML 18Page - STMicroelectronics M41T00M6F Datasheet HTML 19Page - STMicroelectronics M41T00M6F Datasheet HTML 20Page - STMicroelectronics M41T00M6F Datasheet HTML 21Page - STMicroelectronics M41T00M6F Datasheet HTML 22Page - STMicroelectronics M41T00M6F Datasheet HTML 23Page - STMicroelectronics M41T00M6F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
DC and AC parameters
M41T00
20/25
DocID6100 Rev 10
Table 9. DC characteristics
Symbol
Parameter
Test condition(1)
Min
Typ
Max
Unit
ILI
Input leakage current
0 V = VIN = VCC
±1
μA
ILO
Output leakage current
0 V = VOUT = VCC
±1
μA
ICC1
Supply current
Switch frequency = 100 kHz
300
μA
ICC2
RTC supply current (standby)
SCL, SDA = VCC – 0.3 V
70
μA
VIL
Input low voltage
–0.3
0.3VCC
V
VIH
Input high voltage
0.7 VCC
VCC + 0.5
V
VOL
Output low voltage
IOL = 3.0 mA
0.4
V
Output low voltage (open drain)
FT/OUT
5.5
V
VBAT(2) Battery supply voltage
2.5(3)
3.5(4)
V
IBAT
Battery supply current
TA = 25 °C, VCC = 0 V
oscillator ON, VBAT = 3 V
0.8
1
μA
1. Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.0 to 5.5 V (except where otherwise noted).
2. STMicroelectronics recommends the RAYOVAC BR1225 or BR1632 (or equivalent) as the battery supply.
3. After switchover (VSO), VBAT(min) can be 2.0 V for crystal with RS = 40 k.
4. For rechargeable backup, VBAT(max) may be considered VCC.
Table 10. Crystal electrical characteristics
Symbol
Parameter (1)(2)
Min
Typ
Max
Units
fO
Resonant frequency
32.768
kHz
RS
Series resistance
60
k
CL
Load capacitance
12.5
pF
1. Externally supplied if using the SO8 package. STMicroelectronics recommends the KDS DT-38, Tuning Fork Type (thru-
hole) or the DMX-26S, (SMD) quartz crystal for industrial temperature operations.
2. Load capacitors are integrated within the M41T00. Circuit board layout considerations for the 32.768 kHz crystal of
minimum trace lengths and isolation from RF generating signals should be taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com