Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8ALL-R104KLA2 Datasheet(PDF) 22 Page - Integrated Silicon Solution, Inc

Part # IS66WVR4M8ALL-R104KLA2
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8ALL-R104KLA2 Datasheet(HTML) 22 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8ALL-R104KLA2 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 26Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
22
Rev. A2
07/08/2024
5.10
DEEP POWER DOWN MODE
The Deep Power-down instruction (B9h) is for setting the device on the minimizing the power consumption (enter
into Power-down mode). During this mode, standby current is reduced from Isb1 to Isb2 after tDPDIN.
Figure 5.16 DEEP POWR DOWN ENTRY Timing (SPI MODE)
CLK
0
SI
MSB
LSB
1
0
0
1
1
0
1
1
CE#
DPD mode
Enter DPD
Mode
tDPDIN
1
2
3
4
5
6
7
Figure 5.17 DEEP POWR DOWN ENTRY Timing (QPI MODE)
CLK
0
SIO[3:0]
MSB
LSB
9
B
CE#
DPD mode
Enter DPD
Mode
tDPDIN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com