Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8ALL-R104KLA2 Datasheet(PDF) 24 Page - Integrated Silicon Solution, Inc

Part # IS66WVR4M8ALL-R104KLA2
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8ALL-R104KLA2 Datasheet(HTML) 24 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8ALL-R104KLA2 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 28Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
24
Rev. A2
07/08/2024
6.
REGISTER
The device has 8-bit Configuration Register and 64 bit ID Register.
6.1 DEVICE IDENTIFICATION REGISTER
It is a read only, non-volatile, word register that provides device information. The device information fields
can be identified as below.
a.
Manufacturer
b.
KGD Test
i. Not Passed Yet (55h)
ii. Passed (5Dh)
c.
Density
Table 6.2 ID Register
Bits
Function
Value
63 - 56
Manufacturer
1001 1101 (9Dh) = ISSI
55 - 48
KGD Test
0101 0101 (55h) = Not Passed Yet.
0101 1101 (5Dh) = PASS
Default value on this register is (0x55 = Not Passed Yet). After the all
tests passed, then programmed as 0x5D (Pass) in manufacturing
process.
47 - 45
Device Density
000 = 8Mb
001 = 16Mb
010 = 32Mb
011~111 = Reserved.
44 - 0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com