Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8ALL-R104KLA2 Datasheet(PDF) 23 Page - Integrated Silicon Solution, Inc

Part # IS66WVR4M8ALL-R104KLA2
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8ALL-R104KLA2 Datasheet(HTML) 23 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8ALL-R104KLA2 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104KLA2 Datasheet HTML 27Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
23
Rev. A2
07/08/2024
Figure 5.18 DEEP POWR DOWN EXIT Timing
CE#
SIO[3:0]
CLK
New Active
Dummy Cycles (
Don’t Care)
Deep Power Down
tDPDOUT
EXIT DPD mode
Stand-by
tDPDX
Table 5.2 DEEP POWER DOWN Timing Parameters
Parameter
Description
Min
Max
Unit
tDPDIN
Deep Power Down Instruction (B9h) to DPD power level
150
-
us
tDPDX
CE# Low period to exit from Deep Power Down
200
-
ns
tDPDOUT
CE# Low then High to Standby wakeup time
-
150
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com