Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L45C Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS20L45C
Description  Low drop power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L45C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS20L45C Datasheet HTML 6Page - STMicroelectronics STPS20L45C Datasheet HTML 7Page - STMicroelectronics STPS20L45C Datasheet HTML 8Page - STMicroelectronics STPS20L45C Datasheet HTML 9Page - STMicroelectronics STPS20L45C Datasheet HTML 10Page - STMicroelectronics STPS20L45C Datasheet HTML 11Page - STMicroelectronics STPS20L45C Datasheet HTML 12Page - STMicroelectronics STPS20L45C Datasheet HTML 13Page - STMicroelectronics STPS20L45C Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package information
STPS20L45C
10/15
DocID8001 Rev 5
Table 6: TO-220FPAB package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.028
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.2
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.394
0.409
L2
16 typ.
0.63 typ.
L3
28.60
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9
9.3
0.354
0.366
Dia
3
3.2
0.118
0.126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com