Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L45C Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPS20L45C
Description  Low drop power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L45C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPS20L45C Datasheet HTML 7Page - STMicroelectronics STPS20L45C Datasheet HTML 8Page - STMicroelectronics STPS20L45C Datasheet HTML 9Page - STMicroelectronics STPS20L45C Datasheet HTML 10Page - STMicroelectronics STPS20L45C Datasheet HTML 11Page - STMicroelectronics STPS20L45C Datasheet HTML 12Page - STMicroelectronics STPS20L45C Datasheet HTML 13Page - STMicroelectronics STPS20L45C Datasheet HTML 14Page - STMicroelectronics STPS20L45C Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
STPS20L45C
14/15
DocID8001 Rev 5
3
Ordering information
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS20L45CT
STPS20L45CT
TO-220AB
1.95 g
50
Tube
STPS20L45CFP
STPS20L45CFP
TO-220FPAB
1.7 g
50
Tube
STPS20L45CG-TR
STPS20L45CG
D²PAK
1.38 g
1000
Tape and reel
4
Revision history
Table 9: Document revision history
Date
Revision
Changes
Jul-2003
3C
Last release.
22-Mar-2007
4
Removed ISOWATT and TO-247 packages.
06-Oct-2016
5
Updated cover page.
Updated Section 3: "Characteristics" and Section 3.1:
"Characteristics (curves)" and Section 5: "Ordering
information" and Section 4.4: "D²PAK package information".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com