Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L45C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20L45C
Description  Low drop power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L45C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20L45C Datasheet HTML 1Page - STMicroelectronics STPS20L45C Datasheet HTML 2Page - STMicroelectronics STPS20L45C Datasheet HTML 3Page - STMicroelectronics STPS20L45C Datasheet HTML 4Page - STMicroelectronics STPS20L45C Datasheet HTML 5Page - STMicroelectronics STPS20L45C Datasheet HTML 6Page - STMicroelectronics STPS20L45C Datasheet HTML 7Page - STMicroelectronics STPS20L45C Datasheet HTML 8Page - STMicroelectronics STPS20L45C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Characteristics
STPS20L45C
4/15
DocID8001 Rev 5
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Average forward current versus ambient
temperature (δ = 0.5, per diode)
Figure 3: Normalized avalanche power deratings
versus pulse duration (Tj = 125 °C)
Figure 4: Reverse leakage current versus reverse
voltage applied (typical values, per diode)
Figure 5: Relative variation of thermal impedance
junction to case versus pulse duration
(TO-220AB, D²PAK)
Figure 6: Relative variation of thermal impedance
junction to case versus pulse duration
(TO-220FPAB)
0
1
2
3
4
5
6
7
8
T
= tp/T
tp
δ = 0.05
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ
PF(AV)(W)
IF(AV) (A)
0
2
4
6
8
10
12
14
0
2 5
5 0
7 5
100
125
150
0
1
2
3
4
5
6
7
8
9
10
11
12
T
= tp/T
tp
δ
Tamb(°C)
IF(AV)(A)
TO-220FPAB
Rth(j-a) = Rth(j-c)
Rth(j-a) = 15 °C/W
TO-220AB
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
0
5
10
15
20
25
30
35
40
45
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
2E+2
IR(mA)
Tj = 150 °C
Tj = 125 °C
Tj = 75 °C
Tj = 25 °C
VR(V)
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
T
= tp/T
tp
t (s )
p
Zth(j-c)/Rth(j-c)
δ = 0.5
δ = 0.2
δ = 0.1
δ
Single pulse
1E-3
1E-2
1E-1
0.0
0.2
0.4
0.6
0.8
1.0
T
tp
t (s )
p
= tp/T
Zth(j-c)/Rth(j-c)
δ = 0.5
δ = 0.2
δ = 0.1
δ
Single pulse
1E+0
1E+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com