Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6025 Datasheet(PDF) 17 Page - Texas Instruments

Part # REF6025
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6025 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF6025 Datasheet HTML 13Page - Texas Instruments REF6025 Datasheet HTML 14Page - Texas Instruments REF6025 Datasheet HTML 15Page - Texas Instruments REF6025 Datasheet HTML 16Page - Texas Instruments REF6025 Datasheet HTML 17Page - Texas Instruments REF6025 Datasheet HTML 18Page - Texas Instruments REF6025 Datasheet HTML 19Page - Texas Instruments REF6025 Datasheet HTML 20Page - Texas Instruments REF6025 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Bandgap
Voltage
Reference
CFILT = 1 µF
CL = 47 µF
RESR = 5
PŸ
RFILT
Buffer
+
VIN
OUT_S
OUT_F
FILT
VIN
GND_S
GND_F
Power Supply
SS
REF60xx
RLIM = 120
NŸ
EN
GND
REF
+
VIN
R = 1
NŸ
RF = 5
Ÿ
CF = 10 nF
THS4521
AINP
AINN
ADS8881
Copyright © 2016, Texas Instruments Incorporated
R = 1
NŸ
R = 1
NŸ
R = 1
NŸ
RF = 5
Ÿ
Power Supply
17
REF6025, REF6030, REF6033, REF6041, REF6045, REF6050
www.ti.com
SBOS708B – MAY 2016 – REVISED AUGUST 2016
Product Folder Links: REF6025 REF6030 REF6033 REF6041 REF6045 REF6050
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Reference Droop Measurements (continued)
Figure 46 shows the setup that was used to measure the reference droop. The output ADC code was captured
using a field-programmable gate array (FPGA), and post-processing was done on a personal computer. The
input to the THS4521, and hence in turn to the ADS8881, is a constant dc voltage (close to positive or negative
full-scale because this condition is the worst-case for charge drawn from the REF pin). The dc source must have
extremely low noise. After the REF60xx device is powered up and stable, the FPGA sends commands to the
ADS8881 to capture data in bursts. The ADS8881 is initially in idle mode for 100 ms. The FPGA then sends a
command to the ADS8881 to perform 100 conversions at 1 MSPS. The ADC code corresponding to these 100
conversions (one burst of data) is stored as the first row in a 1000 × 100 dimensional array. This operation is
repeated 1000 times, and the data corresponding to each burst is stored in a new row of the 1000 × 100
dimensional array. Finally, each column in this array is averaged to get a final data-set of 100 elements. This
final data-set now has code spread that is much less than 1 LSB because most of the noise has now been
removed through averaging. This data-set was plotted on a graph with X axis = column number (each column
number corresponds to 1 µs of time because the sampling rate is 1 MSPS), and Y axis = ADC output code to
obtain reference-droop measurements.
Figure 46. Burst-Mode Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com