Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6025 Datasheet(PDF) 2 Page - Texas Instruments

Part # REF6025
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6025 Datasheet(HTML) 2 Page - Texas Instruments

  REF6025 Datasheet HTML 1Page - Texas Instruments REF6025 Datasheet HTML 2Page - Texas Instruments REF6025 Datasheet HTML 3Page - Texas Instruments REF6025 Datasheet HTML 4Page - Texas Instruments REF6025 Datasheet HTML 5Page - Texas Instruments REF6025 Datasheet HTML 6Page - Texas Instruments REF6025 Datasheet HTML 7Page - Texas Instruments REF6025 Datasheet HTML 8Page - Texas Instruments REF6025 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
REF6025, REF6030, REF6033, REF6041, REF6045, REF6050
SBOS708B – MAY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: REF6025 REF6030 REF6033 REF6041 REF6045 REF6050
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics.......................................... 5
7.6
Typical Characteristics .............................................. 7
8
Parameter Measurement Information ................ 14
8.1
Solder Heat Shift ..................................................... 14
8.2
Thermal Hysteresis ................................................. 15
8.3
Reference Droop Measurements ............................ 16
8.4
1/f Noise Performance ............................................ 18
9
Detailed Description ............................................ 19
9.1
Overview ................................................................. 19
9.2
Functional Block Diagram ....................................... 19
9.3
Feature Description................................................. 20
9.4
Device Functional Modes........................................ 23
10
Applications and Implementation...................... 24
10.1
Application Information.......................................... 24
10.2
Typical Application ................................................ 24
11
Power Supply Recommendations ..................... 27
12
Layout................................................................... 28
12.1
Layout Guidelines ................................................. 28
12.2
Layout Example .................................................... 28
13
Device and Documentation Support ................. 29
13.1
Documentation Support ........................................ 29
13.2
Related Links ........................................................ 29
13.3
Receiving Notification of Documentation Updates 29
13.4
Community Resources.......................................... 29
13.5
Trademarks ........................................................... 29
13.6
Electrostatic Discharge Caution ............................ 29
13.7
Glossary ................................................................ 30
14
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
Changes from Revision A (June 2016) to Revision B
Page
•
Changed the Description ....................................................................................................................................................... 1
•
Changed the Device Comparison Table ............................................................................................................................... 3
•
Changed list of devices for output current in Recommended Operating Conditions ............................................................ 4
•
Changed load regulation max value for REF6050 at TA = –40°C to +125°C from 30 to 50 .................................................. 5
•
Changed "second pass" to "final pass" in last paragraph of Solder Heat Shift section ...................................................... 14
•
Added link to SLYY097 in Overview section ........................................................................................................................ 19
Changes from Original (May 2016) to Revision A
Page
•
Changed from product preview to production data ................................................................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com