Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6025 Datasheet(PDF) 23 Page - Texas Instruments

Part # REF6025
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6025 Datasheet(HTML) 23 Page - Texas Instruments

Back Button REF6025 Datasheet HTML 19Page - Texas Instruments REF6025 Datasheet HTML 20Page - Texas Instruments REF6025 Datasheet HTML 21Page - Texas Instruments REF6025 Datasheet HTML 22Page - Texas Instruments REF6025 Datasheet HTML 23Page - Texas Instruments REF6025 Datasheet HTML 24Page - Texas Instruments REF6025 Datasheet HTML 25Page - Texas Instruments REF6025 Datasheet HTML 26Page - Texas Instruments REF6025 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
20
40
60
80
100
120
10
20
30
40
50
Output Capacitor (µF)
23
REF6025, REF6030, REF6033, REF6041, REF6045, REF6050
www.ti.com
SBOS708B – MAY 2016 – REVISED AUGUST 2016
Product Folder Links: REF6025 REF6030 REF6033 REF6041 REF6045 REF6050
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
9.3.4 Stability
The REF60xx family of voltage references are stable with output capacitor values ranging from 10 µF to 47 µF.
At a low output-capacitor value of 10 µF, an effective series resistance (ESR) of 20 mΩ to 100 mΩ is required for
stability; whereas, at a higher value of 47 µF, an ESR of 5 mΩ to 100 mΩ is required. The shaded region in
Figure 53 shows the stable region of operation for the REF60xx devices.
Figure 53. Stable Output Capacitor Range
A capacitor of value 1 µF is required at the FILT pin for stability and noise performance. A low ESR (5 mΩ to 20
mΩ) is easily achieved by increasing the PCB trace length, thus eliminating the need for a discrete resistor.
Higher values of ESR (greater than 20 mΩ, but lesser than 100 mΩ) can be intentionally added to increase the
output bandwidth of the REF60xx. This higher ESR improves the transient performance of the REF60xx, but
worsens noise performance because of increased bandwidth.
9.4 Device Functional Modes
When the EN pin of the REF60xx is pulled high, the device is in active mode. The device must be in active mode
for normal operation.
To place the REF60xx into a shutdown mode, pull the ENABLE pin low. When in shutdown mode, the output of
the device becomes high impedance and the quiescent current of the device reduces to 1 µA (typ). See the
enable pin voltage parameter in the Electrical Characteristics table for logic high and logic low voltage levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com