Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6030 Datasheet(PDF) 22 Page - Texas Instruments

Part # REF6030
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6030 Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF6030 Datasheet HTML 18Page - Texas Instruments REF6030 Datasheet HTML 19Page - Texas Instruments REF6030 Datasheet HTML 20Page - Texas Instruments REF6030 Datasheet HTML 21Page - Texas Instruments REF6030 Datasheet HTML 22Page - Texas Instruments REF6030 Datasheet HTML 23Page - Texas Instruments REF6030 Datasheet HTML 24Page - Texas Instruments REF6030 Datasheet HTML 25Page - Texas Instruments REF6030 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
‡
J
A
D
-$
T
T
P
R
9
3
L
SS
I
(23.75 * 10
) * R
(0.15 * 10
)
9
3
L
SS
I
(27.08 * 10
) * R
(0.25 * 10
)
9
3
L
SS
I
(31.25 * 10
) * R
(0.25 * 10
)
9
3
SC
SS
I
(115 * 10
) * R
(4.6 * 10
)
9
3
SC
SS
I
(80 * 10
) * R
(3 * 10
)
REF(MAX)
REF(MIN)
6
REF
V
V
Drift
10
(ppm)
V
Temperature Range
§
·
x
¨
¸
x
©
¹
22
REF6025, REF6030, REF6033, REF6041, REF6045, REF6050
SBOS708B – MAY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: REF6025 REF6030 REF6033 REF6041 REF6045 REF6050
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
9.3.2 Temperature Drift
The REF60xx family is designed for minimal drift error, defined as the change in output voltage over temperature.
The drift is calculated using the box method, as described by the following equation:
(3)
9.3.3 Load Current
The REF6025, REF6030, REF6033 and REF6041 are specified to deliver current load of ±4 mA. The REF6045
is specified to deliver ±3.5 mA, and the REF6050 is specified to deliver ±3 mA. The REF60xx are protected from
short circuits at the output by limiting the output short-circuit current.
The short-circuit current limit (ISC) of the REF60xx family of devices is adjusted by connecting a resistor (RSS) on
the SS pin. The short-circuit current limit when the REF60xx device is sourcing current can be calculated as
shown in Equation 4:
(4)
The short circuit current limit when the REF60xx device is sinking is calculated as shown in Equation 5:
(5)
The recommended output current of the REF60xx also depends on the resistor connected to the SS pin. The
recommended output current (sourcing and sinking) for the REF6025, REF6030, REF6033 and REF6041 is
given by Equation 6:
(6)
The recommended output current (sourcing and sinking) for the REF6045 is given by Equation 7:
(7)
The recommended output current (sourcing and sinking) for the REF6050 is given by Equation 8:
(8)
The temperature of the device increases according to Equation 9:
where:
•
TJ = junction temperature (°C).
•
TA = ambient temperature (°C).
•
PD = power dissipated (W).
•
RθJA = junction-to-ambient thermal resistance (°C/W).
(9)
The REF60xx maximum junction temperature must not exceed the absolute maximum rating of 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com