Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6030 Datasheet(PDF) 5 Page - Texas Instruments

Part # REF6030
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6030 Datasheet(HTML) 5 Page - Texas Instruments

  REF6030 Datasheet HTML 1Page - Texas Instruments REF6030 Datasheet HTML 2Page - Texas Instruments REF6030 Datasheet HTML 3Page - Texas Instruments REF6030 Datasheet HTML 4Page - Texas Instruments REF6030 Datasheet HTML 5Page - Texas Instruments REF6030 Datasheet HTML 6Page - Texas Instruments REF6030 Datasheet HTML 7Page - Texas Instruments REF6030 Datasheet HTML 8Page - Texas Instruments REF6030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
REF6025, REF6030, REF6033, REF6041, REF6045, REF6050
www.ti.com
SBOS708B – MAY 2016 – REVISED AUGUST 2016
Product Folder Links: REF6025 REF6030 REF6033 REF6041 REF6045 REF6050
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Temperature drift is specified according to the box method. See the Feature Description section for more details.
(2)
See the Thermal Hysteresis section.
7.5
Electrical Characteristics
at TA = 25°C, VIN = 5 V for all devices except REF6050, VIN = 5.4 V for REF6050, IL = 0 mA, CL = 22 µF, CFILT = 1 µF, and
VEN = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage accuracy
-0.05%
0.05%
Output voltage temperature
coefficient(1)
5
ppm/°C
LINE AND LOAD REGULATION
ΔVO(ΔVI)
Line regulation
REF6025
VOUT + 0.5 V ≤ VIN ≤ 5.5 V
TA = 25°C
4
20
ppm/V
TA = –40°C to +125°C
30
REF6030,
REF6033,
REF6041,
REF6045
VOUT + 0.25 V ≤ VIN ≤ 5.5 V
TA = 25°C
4
20
TA = –40°C to +125°C
30
REF6050
VOUT + 0.3 V ≤ VIN ≤ 5.5 V
TA = 25°C
7
60
TA = –40°C to +125°C
120
ΔVO(ΔIL)
Load regulation, sourcing and sinking
REF6025,
REF6030,
REF6033,
REF6041
IL = 0 mA to 4 mA,
VIN = VOUT + 600 mV
TA = 25°C
2
20
ppm/mA
TA = –40°C to +125°C
30
REF6045
IL = 0 mA to 3.5 mA,
VIN = VOUT + 600 mV
TA = 25°C
2
20
TA = –40°C to +125°C
30
REF6050
IL = 0 mA to 3 mA,
VIN = VOUT + 400 mV
TA = 25°C
2
20
TA = –40°C to +125°C
50
ISC
Short-circuit current
SS = open
10.5
mA
NOISE
Total integrated noise
CL = 22 µF
5
µVRMS
CL = 47 µF
5
Low frequency noise
0.1 Hz
≤ f ≤ 10 Hz
3
µVPP/V
OUTPUT IMPEDANCE
Output impedance
f = DC to 200 kHz, CL= 47 μF
50
mΩ
TURN-ON TIME
ton
Turn-on time
0.1% settling, CL = 47 µF, SS = open, REF6025
100
ms
HYSTERESIS AND LONG TERM DRIFT
Long term stability
0 to 1000h at 25°C
80
ppm
1000h to 2000h at 25°C
20
Output voltage hysteresis(2)
25°C, –40°C,125°C, 25°C (cycle 1)
33
ppm
25°C, –40°C,125°C, 25°C (cycle 2)
8
CAPACITIVE LOAD
CL
Stable output capacitor value
10
47
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com