Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6030 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF6030
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6030 Datasheet(HTML) 1 Page - Texas Instruments

  REF6030 Datasheet HTML 1Page - Texas Instruments REF6030 Datasheet HTML 2Page - Texas Instruments REF6030 Datasheet HTML 3Page - Texas Instruments REF6030 Datasheet HTML 4Page - Texas Instruments REF6030 Datasheet HTML 5Page - Texas Instruments REF6030 Datasheet HTML 6Page - Texas Instruments REF6030 Datasheet HTML 7Page - Texas Instruments REF6030 Datasheet HTML 8Page - Texas Instruments REF6030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
±4
±3
±2
±1
0
1
2
3
4
0
200
400
600
800
1000
Time (µs)
C042
Regular Voltage Reference Droop
REF60xx Droop
Bandgap
Voltage
Reference
CFILT
CL
RESR
RFILT
Buffer
+
VIN
OUT_S
OUT_F
FILT
VIN
GND_S
GND_F
Power Supply
SS
REF60xx
RLIM
EN
GND
REF
+
VIN
R
R
R
Power Supply
RF
RF
R
CF
THS4521
AINP
AINN
ADS8881
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
REF6025, REF6030, REF6033, REF6041, REF6045, REF6050
SBOS708B – MAY 2016 – REVISED AUGUST 2016
REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
1
1 Features
1
•
Excellent Temperature Drift Performance
–
5 ppm/°C (max) from –40°C to +125°C
•
Extremely Low Noise
–
Total Noise: 5 µVRMS With 47-µF Capacitor
–
1/f Noise (0.1 Hz to 10 Hz): 3 µVPP/V
•
Integrated ADC Drive Buffer
–
Low Output Impedance: < 50 mΩ (0-200 kHz)
–
First Sample Precise to 18 Bits With ADS8881
–
Enables Burst-Mode DAQ Systems
•
Low Supply Current: 820 μA
•
Low Shutdown Current: 1 µA
•
High Initial Accuracy: ±0.05%
•
Very-Low Noise and Distortion
–
SNR: 100.5 dB, THD: –125 dB (ADS8881)
–
SNR: 106 dB, THD: –120 dB (ADS127L01)
•
Output Current Drive: ±4 mA
•
Programmable Short-Circuit Current
•
Verified to Drive REF Pin of ADS88xx family of
SAR ADCs and ADS127xx family of Wideband ΔΣ
ADCs
2 Applications
•
ATE Testers and Oscilloscopes
•
Test and Measurement Equipment
•
Analog Input Modules for PLCs
•
Medical Equipment
•
Precision Data Acquisition Systems
3 Description
The REF6000 family of voltage references have an
integrated low output impedance buffer that enable
the user to directly drive the REF pin of precision
data converters, while preserving linearity, distortion,
and noise performance. Most precision SAR and
Delta-Sigma ADCs, switch binary-weighted capacitors
onto the REF pin during the conversion process. In
order to support this dynamic load the output of the
voltage reference must be buffered with a low-output
impedance (high-bandwidth) buffer. The REF6000
family devices are well suited, but not limited, to drive
the REF pin of the ADS88xx family of SAR ADCs,
and ADS127xx family of delta-sigma ADCs, as well
as other digital-to-analog converters (DACs).
The REF6000 family of voltage references are able to
maintain an output voltage within 1LSB (18-bit) with
minimal droop, even during the first conversion while
driving the REF pin of the ADS8881. This feature is
useful in burst-mode, event-triggered, equivalent-time
sampling, and variable-sampling-rate data-acquisition
systems. The REF60xx variants of REF6000 family
specify a maximum temperature drift of just 5 ppm/°C
and initial accuracy of 0.05% for both the voltage
reference and the low output impedance buffer
combined. For various temperature drift options in
REF6000 family, see the Device Comparison Table.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
REF60xx
VSSOP (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application
Reference Droop comparison
(1 LSB = 19.07 µV, With ADS8881 at 1 MSPS)


Similar Part No. - REF6030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF6030 TI1-REF6030 Datasheet
2Mb / 37P
High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6030IDGKR TI1-REF6030IDGKR Datasheet
2Mb / 37P
High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6030IDGKR TI2-REF6030IDGKR Datasheet
2Mb / 35P
REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
REVISED APRIL 2026
REF6030IDGKR.B TI2-REF6030IDGKR.B Datasheet
2Mb / 35P
REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
REVISED APRIL 2026
REF6030IDGKT TI1-REF6030IDGKT Datasheet
2Mb / 37P
High-Precision Voltage Reference With Integrated ADC Drive Buffer
More results

Similar Description - REF6030

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7080 NTE-NTE7080 Datasheet
20Kb / 2P
Integrated Circuit Precision Voltage Reference Diode, 1.235V
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
High Precision Voltage Reference
2/03-Data Sheet changed from REV. C to REV. D.
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Texas Instruments
REF6025 TI1-REF6025 Datasheet
2Mb / 37P
High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
High-Precision Voltage Reference
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
TLV4011 Precision Comparator with Integrated Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
High Precision Voltage Reference
6/12/2021
logo
Microchip Technology
MCP1501 MICROCHIP-MCP1501_V01 Datasheet
13Mb / 39P
High-Precision Buffered Voltage Reference
Revision G February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com