Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050AID Datasheet(PDF) 23 Page - Texas Instruments

Part # REF5050AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5050AID Datasheet(HTML) 23 Page - Texas Instruments

Back Button REF5050AID Datasheet HTML 19Page - Texas Instruments REF5050AID Datasheet HTML 20Page - Texas Instruments REF5050AID Datasheet HTML 21Page - Texas Instruments REF5050AID Datasheet HTML 22Page - Texas Instruments REF5050AID Datasheet HTML 23Page - Texas Instruments REF5050AID Datasheet HTML 24Page - Texas Instruments REF5050AID Datasheet HTML 25Page - Texas Instruments REF5050AID Datasheet HTML 26Page - Texas Instruments REF5050AID Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
8 Detailed Description
8.1 Overview
The REF50xx is family of low-noise, precision band-gap voltage references designed for excellent initial voltage
accuracy and drift. See Section 8.2 for a simplified block diagram of the REF50xx.
8.2 Functional Block Diagram
R5
60kW
REF50xx
TEMP
V
OUT
GND
TRIM/NR
V
IN
aT
aT
(10 A
m
at+25 C)
°
R2
R1
R3
R4
10kW
1kW
1.2V
Figure 8-1. REF50xxI, REF50xxAI Block Diagram
62k
VOUT
T (10µ A
at +25°C)
Bandgap
13k
VIN
EN
NR
GND
TMP
Figure 8-2. REF50xxEI Block Diagram
www.ti.com
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com