Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050AID Datasheet(PDF) 7 Page - Texas Instruments

Part # REF5050AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5050AID Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF5050AID Datasheet HTML 3Page - Texas Instruments REF5050AID Datasheet HTML 4Page - Texas Instruments REF5050AID Datasheet HTML 5Page - Texas Instruments REF5050AID Datasheet HTML 6Page - Texas Instruments REF5050AID Datasheet HTML 7Page - Texas Instruments REF5050AID Datasheet HTML 8Page - Texas Instruments REF5050AID Datasheet HTML 9Page - Texas Instruments REF5050AID Datasheet HTML 10Page - Texas Instruments REF5050AID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
6.5 Electrical Characteristics REF50xxI and REF50xxAI
At TA = 25°C, ILOAD = 0, CL = 1μF and VIN = (VOUT + 0.2V) to 18V, unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE
VOUT
Output Voltage
REF5020 (VOUT = 2.048V) (1), 2.7V < VIN < 18V
2.048
V
REF5025
2.5
REF5030
3.0
REF5040
4.096
REF5045
4.5
REF5050
5
REF5010
10
Initial
Accuracy
High Grade
All voltage options (1)
-0.05
0.05
%
Standard Grade
All voltage options (1)
–0.1
0.1
%
NOISE
enpp
Low Frequency noise
ƒ = 0.1Hz to 10Hz
3
µVPP/V
en
Output Voltage Noise
ƒ = 10Hz to 1kHz
0.9
µVrms/V
OUTPUT VOLTAGE TEMPERATURE DRIFT
dVOUT/dT
High grade
TA = –40°C to 125°C
2.5
3
pm/
℃
Standard grade
3
8
LINE REGULATION
ΔVO(ΔVI)
Line regulation
VIN = (VOUT + 0.2V) to 18V(1)
1
3
ppm/V
VIN = (VOUT + 0.2V) TO 18V, TA = –40°C to
125°C(1)
1
5
LOAD REGULATION
ΔVO(ΔIL)
Load regulation
–10mA < IOUT < 10mA, VIN = VOUT + 0.75V(2)
20
30
ppm/mA
10mA < IOUT < 10mA, VIN = VOUT + 0.75V(2), TA =
–40°C to 125°C
50
SHORT-CIRCUIT CURRENT
ISC
Short circuit current
VOUT = 0
25
mA
THERMAL HYSTERESIS
High grade
VSSOP-8
Cycle 1
50
ppm
Cycle 2
40
SOIC-8
Cycle 1
70
Cycle 2
50
Standard
grade
VSSOP-8
Cycle 1
70
Cycle 2
40
SOIC-8
Cycle 1
90
Cycle 2
50
LONG-TERM STABILITY
ΔVOUT_LTD
VSSOP-8
0 to 1000 hours
50
ppm
1000 to 2000 hours
25
SOIC-8
0 to 1000 hours
22
1000 to 2000 hours
18
TEMP PIN
Voltage output
575
mV
Temperature sensitivity
TA = -40°C to 125°C
2.64
mV/
℃
www.ti.com
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com