Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050AID Datasheet(PDF) 24 Page - Texas Instruments

Part # REF5050AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5050AID Datasheet(HTML) 24 Page - Texas Instruments

Back Button REF5050AID Datasheet HTML 20Page - Texas Instruments REF5050AID Datasheet HTML 21Page - Texas Instruments REF5050AID Datasheet HTML 22Page - Texas Instruments REF5050AID Datasheet HTML 23Page - Texas Instruments REF5050AID Datasheet HTML 24Page - Texas Instruments REF5050AID Datasheet HTML 25Page - Texas Instruments REF5050AID Datasheet HTML 26Page - Texas Instruments REF5050AID Datasheet HTML 27Page - Texas Instruments REF5050AID Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
8.3 Feature Description
8.3.1 Temperature Monitoring
The temperature output terminal (TEMP, pin 3) provides a temperature-dependent voltage output with
approximately 60kΩ source impedance. As illustrated in Figure 6-8, the output voltage follows the nominal
relationship:
REF50xxI, REF50xxAI: VTEMP PIN = 509mV + 2.64 × T(°C)
(1)
REF50xxEI: VTEMP PIN = 625mV + 2.64 × T(°C)
(2)
The TEMP pin indicates general chip temperature, accurate to approximately ±15°C. Although not generally
suitable for accurate temperature measurements, use the TEMP pin to indicate temperature changes or for
temperature compensation of analog circuitry. A temperature change of 30°C corresponds to an approximate
79mV change in voltage at the TEMP pin.
The TEMP pin has high-output impedance (see Section 8.2). Loading the TEMP pin with a low-impedance circuit
induces a measurement error; however, the pin does not have any effect on VOUT accuracy.
To avoid errors caused by low-impedance loading, buffer the TEMP pin output with a suitable low-temperature
drift op amp, such as the OPA333, OPA335, or OPA376, as shown in Figure 8-3.
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
V
TEMP
2.6mV/ C
°
OPA(1)
NOTE:(1)Lowdriftopamp,suchastheOPA333,OPA335,orOPA376.
+V
Figure 8-3. Buffering the TEMP Pin Output
8.3.2 Temperature Drift
The REF50xx is designed for minimal drift error, which is defined as the change in output voltage over
temperature. The drift is calculated using the box method, as calculated in Equation 3.
Drift= VOUTMAX−VOUTMIN
VOUT×Temperature Range ×106ppm
(3)
The REF50xx features a maximum drift coefficient of 2.5ppm/°C for the enhanced-grade version, 3ppm/°C for
the high-grade version, and 8ppm/°C for the standard-grade version.
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com