Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT74 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT74
Description  SNx4ACT74 Dual Positive-Edge-Triggered D-Type Flip-Flops
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT74 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT74 Datasheet HTML 1Page - Texas Instruments SN74ACT74 Datasheet HTML 2Page - Texas Instruments SN74ACT74 Datasheet HTML 3Page - Texas Instruments SN74ACT74 Datasheet HTML 4Page - Texas Instruments SN74ACT74 Datasheet HTML 5Page - Texas Instruments SN74ACT74 Datasheet HTML 6Page - Texas Instruments SN74ACT74 Datasheet HTML 7Page - Texas Instruments SN74ACT74 Datasheet HTML 8Page - Texas Instruments SN74ACT74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
SNx4ACT74 Dual Positive-Edge-Triggered D-Type Flip-Flops
1 Features
• 4.5V to 5.5V VCC operation
• Inputs accept voltages to 5.5V
• Max tpd of 10.5ns at 5V
• Inputs are TTL-voltage compatible
2 Description
The 'ACT74 dual positive-edge-triggered devices are
D-type flip-flops.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE (2)
BODY SIZE(3)
SNx4ACT74
PW (TSSOP, 14)
5mm × 6.4mm
5mm × 4.40mm
D (SOIC, 14)
8.65mm × 6mm
8.65mm × 3.9mm
DB (SSOP, 14)
6.2mm × 7.8mm
6.2mm × 5.3mm
N (PDIP, 14)
19.3mm × 9.4mm
19.3mm × 6.35mm
NS (SOP, 14)
10.2mm × 7.8mm
10.3mm × 5.3mm
BQA (WQFN)
3mm × 2.5mm
3mm × 2.5mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram (Positive Logic)
SN54ACT74, SN74ACT74
SCAS520J – AUGUST 1995 – REVISED APRIL 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74ACT74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT74 TI-SN74ACT74 Datasheet
86Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74ACT74 TI-SN74ACT74 Datasheet
528Kb / 16P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74ACT74 TI-SN74ACT74 Datasheet
1Mb / 21P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74ACT74 TI2-SN74ACT74 Datasheet
714Kb / 10P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
OCTOBER 2003
SN74ACT74 TI2-SN74ACT74 Datasheet
1Mb / 31P
SN74ACT74-Q1 Automotive Dual D-Type Flip-Flops With Preset and Clear
APRIL 2025
More results

Similar Description - SN74ACT74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
Dual Positive-Edge-Triggered D-Type Flip-Flops
CD54AC74 TI1-CD54AC74_14 Datasheet
686Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD54ACT74 TI1-CD54ACT74_14 Datasheet
887Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com