Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT74 Datasheet(PDF) 14 Page - Texas Instruments

Part # SN74ACT74
Description  SNx4ACT74 Dual Positive-Edge-Triggered D-Type Flip-Flops
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT74 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74ACT74 Datasheet HTML 10Page - Texas Instruments SN74ACT74 Datasheet HTML 11Page - Texas Instruments SN74ACT74 Datasheet HTML 12Page - Texas Instruments SN74ACT74 Datasheet HTML 13Page - Texas Instruments SN74ACT74 Datasheet HTML 14Page - Texas Instruments SN74ACT74 Datasheet HTML 15Page - Texas Instruments SN74ACT74 Datasheet HTML 16Page - Texas Instruments SN74ACT74 Datasheet HTML 17Page - Texas Instruments SN74ACT74 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
14X (0.6)
14X (0.25)
10X (0.5)
(2.3)
(2.8)
(1.38)
(0.95)
(R0.05) TYP
WQFN - 0.8 mm max height
BQA0014B
PLASTIC QUAD FLATPACK - NO LEAD
4227062/B 09/2021
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 20X
EXPOSED PAD 15
87% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SYMM
SYMM
2
6
7
8
9
13
14
1
15
SN54ACT74, SN74ACT74
SCAS520J – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54ACT74 SN74ACT74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com