Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT74 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74ACT74
Description  SNx4ACT74 Dual Positive-Edge-Triggered D-Type Flip-Flops
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT74 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74ACT74 Datasheet HTML 8Page - Texas Instruments SN74ACT74 Datasheet HTML 9Page - Texas Instruments SN74ACT74 Datasheet HTML 10Page - Texas Instruments SN74ACT74 Datasheet HTML 11Page - Texas Instruments SN74ACT74 Datasheet HTML 12Page - Texas Instruments SN74ACT74 Datasheet HTML 13Page - Texas Instruments SN74ACT74 Datasheet HTML 14Page - Texas Instruments SN74ACT74 Datasheet HTML 15Page - Texas Instruments SN74ACT74 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
A
A
www.ti.com
PACKAGE OUTLINE
2.6
2.4
3.1
2.9
0.8
0.6
0.05
0.00
2X 2
8X 0.5
2X 0.5
14X 0.5
0.3
14X 0.3
0.2
1.5 0.1
1 0.1
0.1 MIN
(0.2) TYP
(0.16)
TYP
(0.13)
WQFN - 0.8 mm max height
BQA0014B
PLASTIC QUAD FLATPACK - NO LEAD
4227062/B 09/2021
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
2
6
7
8
9
13
14
1
15
SCALE 4.500
A-A 35.000
SECTION A-A
TYPICAL
A
B
C
SN54ACT74, SN74ACT74
SCAS520J – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54ACT74 SN74ACT74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com