Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF0402P-20-RBA Datasheet(PDF) 5 Page - TT Electronics.

Part # PCF0402P-20-RBA
Description  Precision Thin Film Nichrome Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PCF0402P-20-RBA Datasheet(HTML) 5 Page - TT Electronics.

  PCF0402P-20-RBA Datasheet HTML 1Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 2Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 3Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 4Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 5Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Precision Thin Film
Nichrome Chip Resistors
PCF Series
Wrap-around terminations provide good leach properties and ensure reliable contact. Due to the robust construction, the PCF can
be immersed in the solder bath for 30 seconds at 260°C. This enables the resistor to be mounted on one side of a printed circuit
board and wire-leaded components applied on the other side.
PCF resistors themselves can operate at a maximum temperature of 125°C (see performance above) (155°C for High Power grades).
For soldered resistors, the joint temperature should not exceed 110°C. This condition is met when the stated power levels at 70°C
are used.
Precision Surface Mount Resistors
03.11
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
PCF Series
Solderability
The terminations have an electroplated nickel barrier and tin coating. This ensures excellent 'leach' resistance properties and
solderability.
Packaging
PCF Resistors are supplied taped and reeled as as per IEC 286-3. Sizes 2010 and 2512 are in embossed plastic tape.
Application Notes
PCF resistors are ideally suited for handling by automatic methods due to their rectangular shape and the small dimensional
tolerances. Electrical connection to a ceramic substrate or to a printed circuit board can be made by reflow or wave soldering of
wrap-around terminations.
Derating Curve
Smaller sizes are in paper tape.
Precision Surface Mount Resistors
03.11
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
PCF Series
>0.05% tolerance
0603 to 2512
0.25%
0.3%
0.5%
0.25%
0.1%
0.2%
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Chip size
0201, 0402
0.5%
0.3%
0.5%
0.25%
0.1%
0.2%
≤0.05% tolerance
0603 to 2512
0.05%
0.05%
0.05%
0.25%
0.05%
0.05%
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000 hours @ 40°C, 90 - 95%RH
6.25 x rated Power , or 2 x LEV, for 5 sec
1000 hours at 125°C
5 cycles -55 C, 125°C
270°C, 10 sec
235°C, 2 sec
95% minimum coverage
0.5%
0.5%
0.5%
0.5%
0.25%
0.2%
95% minimum coverage
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000hrs @ 40°C, 90 - 95%RH
6.25 x rated Power, or 2 x LEV, for 5 sec
1000 hours at 155°C
5 cycles -55°C, 150°C
270°C, 10 sec
235°C, 2 sec
0603 to 2512
0.05%
0.05%
0.02%
0.05%
0.02%
0.02%
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000hrs @ 40°C, 90 - 95%RH
6.25 x rated Power, or 2 x LEV, for 5 sec
1000 hours at 125°C
5 cycles -55 C, 125°C
270°C, 10 sec
235°C, 2 sec
95% minimum coverage
0402
0.25%
0.5%
0.1%
0.5%
0.1%
0.1%
Performance Data - Standard Range
Performance Data - High Power Range
Performance Data - Passivated Range
Construction
A thin-film material is selectively deposited on a 96% alumina substrate together with metallic contacts at each end of the resistor.
The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts
the resistance value. Epoxy protection is applied and wrap-around terminations are added and plated with Nickel then Tin. Each
resistor is measured immediately before packing into tape.
Terminations
The standard termination is 100% Sn matte plated wrap-around suitable for soldering. SnPb plated option is available for standard
range PCF over the restricted range below.
Physical Data
Dimensions (mm) and Weight (mg)
L
W
T max
A
C
Wt
0201
0.58 0.05
0.29 0.05
0.26
0.15 0.05
0.12 0.05
0.14
0402
1.0 0.1
0.5 0.05
0.55
0.25 0.15
0.2 0.15
0.54
0603
1.6 0.2
0.8 0.2
0.65
0.35 0.25
0.3 0.2
1.8
0805
2.0 0.2
1.25 0.2
0.65
0.4 0.25
0.3 0.2
4.7
1206
3.05 0.15
1.55 0.15
0.65
0.35 0.25
0.42 0.2
9.0
1210
3.10 0.15
2.5 0.25
0.65
0.55 0.25
0.4 0.3
10
2010
4.9 0.2
2.4 0.25
0.65
0.55 0.3
0.6 0.3
24
2512
6.3 0.2
3.1 0.25
0.65
0.7 0.45
0.6 0.3
38
T
W
A
A
L
Wrap-around terminations
(3 faces)
C
0
100%
100%
70
100%
100%
125
35%
0%
155
0%
0%
20%
40%
60%
80%
100%
0
50
100
150
Ambient Temperature (°C)
Temperature Derating
High Power
Range
Standard &
Passivated
Derating Curve
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com