Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF0402P-20-RBA Datasheet(PDF) 6 Page - TT Electronics.

Part # PCF0402P-20-RBA
Description  Precision Thin Film Nichrome Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PCF0402P-20-RBA Datasheet(HTML) 6 Page - TT Electronics.

  PCF0402P-20-RBA Datasheet HTML 1Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 2Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 3Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 4Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 5Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Precision Thin Film
Nichrome Chip Resistors
PCF Series
** Applies to all Ranges, Termination and Packing options.
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number**: PCF0603-11-1K54BI (0603, standard, 15ppm/°C, 1.54 kilohm ±0.1%, Pb-free)
P C F
0
6
0
3
-
1
1
-
1 K 5
4 B
I
1
2
3
4
5
6
7
USA (IRC) Part Number*: PCF-W0603LF-11-1541-B-P-LT (0603, standard, 15ppm/°C, 1.54 kilohm ±0.1%, Pb-free)
P C F
- W 0
6
0
3
L F
-
1
1
-
1
5
4
1
-
B
-
P
-
L T
1
2
3
4
5
6
7
8
* Applies only to Standard Range, Pb-Free parts
1
2
3
4
5
6
7
Type Size
Range
TCR
Value
Tolerance
Termination & Packing
PCF 0201
Omit for
Standard
-13 = ±5ppm/°C
E24 = 3/4 characters
E96 = 3/4 characters
R = ohms
K = kilohms
M = megohms
L = ±0.01%
0402
-12 = ±10ppm/°C
W = ±0.05%
0603 H = High Power
-11 = ±15ppm/°C
B = ±0.1%
0201, 0402 10,000/reel
0805
R = ±25ppm/°C
-20 = ±2ppm/°C
-19 = ±3ppm/°C
C = ±0.25%
0603 to 1210 5000/reel
1206
P = Passivated
-02 = ±50ppm/°C
D = ±0.5%
2010, 2512
4000/reel
1210
F = ±1%
T1* = Pb-free, 1K reel
2010
0201 to 1206,
2010, 2512
1000/reel
2512
* Non-standard; enquire to confirm
1
2
3
4
5
6
7
8
Type Model Termination
TCR
Value
Tolerance
Tape
Packing
PCF W0201 LF = Pb-free
(100%Sn)
13 = ±5ppm/°C 3 digits + multiplier T = ±0.01%
P = Paper
(0201 to 1210)
LT = Tape & Reel
W0402
12 = ±10ppm/°C
R = ohms for
values <100 ohms
A = ±0.05%
0201, 0402 10,000/reel
W0603
11 = ±15ppm/°C
B = ±0.1% E = Embossed
(2010, 2512)
0603 to 1210 5000/reel
W0805
03 = ±25ppm/°C
C = ±0.25%
2010, 2512
4000/reel
W1206
02 = ±50ppm/°C
D = ±0.5%
W1210
F = ±1%
W2010
W2512
A = AEC-Q200 grade, Pb-free
I = Standard grade, Pb-free
Standard Packing
PB = SnPb, 1K reel
0805, 1206
1000/reel
availability
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com