Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF0402P-20-RBA Datasheet(PDF) 1 Page - TT Electronics.

Part # PCF0402P-20-RBA
Description  Precision Thin Film Nichrome Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PCF0402P-20-RBA Datasheet(HTML) 1 Page - TT Electronics.

  PCF0402P-20-RBA Datasheet HTML 1Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 2Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 3Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 4Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 5Page - TT Electronics. PCF0402P-20-RBA Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Precision Thin Film
Nichrome Chip Resistors
PCF Series
Precision thin film technology
Extended ohmic range 1R - 3M
Precision to ±0.01% and 2ppm/°C
Passivated range for superior humidity performance
Load life stability and humidity to 0.05%
Pb-free standard with SnPb option
AEC-Q200 grade available
Resistors
Electrical Data - Standard Range
Type
TCR (ppm/°C)
Power (W)
Limiting Element
Voltage (V)
Ohmic Value Range1
1% & 0.5%
0.25%
0.1%
0.05%
0.01%
PCF0201
50
0.031
15
49R9-33K
-
25
49R9-5K
PCF0402
50
0.063
25
10R-205K
-
25
15
-
49R9-70K
49R9-12K
10
49R9-12K
5
49R9-5K
49R9-3K
3
49R9 - 4K99
2
PCF0603
50
0.063
50
2R-1M
4R7-1M
4R7-332K
-
25
15
-
4R7-332K
10
5
24R9-15K
24R9-100K
3
24R9 – 15K
2
PCF0805
50
0.1
100
1R-2M
4R7-2M
24R9-200K
-
25
15
-
4R7-511K
-
24R9-200K
10
24R9-200K
5
24R9-30K
3
2
PCF1206
50
0.125
150
1R-2M5
4R7-2M5
4R7-1M
-
25
15
-
4R7–1M
24R9-500K
10
5
24R9-49K9
3
2
PCF1210
50
0.2
150
1R-2M5
4R7-2M5
-
25
15
-
4R7–1M
10
5
24R9-50K
3
2
PCF2010
50
0.25
150
1R-3M
4R7-3M
4R7-1M
-
25
15
-
4R7-1M
24R9-500K
10
5
24R9-100K
3
2
PCF2512
50
0.5
150
1R – 3M
4R7-3M
4R7-1M
-
25
15
-
4R7-1M
24R9-500K
10
5
24R9-100K
3
2
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Note 1: Standard values E24 or E96. Other values may be available by request.
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)


Similar Part No. - PCF0402P-20-RBA

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PCF0402P-20-RBA TTELEC-PCF0402P-20-RBA Datasheet
872Kb / 6P
Precision Thin Film Nichrome Chip Resistors
12.16
More results

Similar Description - PCF0402P-20-RBA

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
Precision Thin Film Nichrome Chip Resistor
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
Thin Film Precision Chip Resistors
logo
List of Unclassifed Man...
PCF0603R ETC2-PCF0603R Datasheet
411Kb / 5P
Precision Thin Film Nichrome Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
Precision Thin Film Chip Resistors
05-Oct-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com