Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ISOSD61
Description  High accuracy isolated Sigma-Delta modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISOSD61 Datasheet(HTML) 5 Page - STMicroelectronics

  ISOSD61 Datasheet HTML 1Page - STMicroelectronics ISOSD61 Datasheet HTML 2Page - STMicroelectronics ISOSD61 Datasheet HTML 3Page - STMicroelectronics ISOSD61 Datasheet HTML 4Page - STMicroelectronics ISOSD61 Datasheet HTML 5Page - STMicroelectronics ISOSD61 Datasheet HTML 6Page - STMicroelectronics ISOSD61 Datasheet HTML 7Page - STMicroelectronics ISOSD61 Datasheet HTML 8Page - STMicroelectronics ISOSD61 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
3
Device specifications
Table 2. DIN EN IEC 60747-17 (VDE 0884-17) Isolation characteristics
Description
Symbol
Test Conditions
Characteristic
Unit
Maximum Repetitive Isolation Voltage
VIORM
AC voltage
1500
VPEAK
Maximum Working Isolation Voltage
VIOWM
AC voltage (sinewave)
1060
VRMS
DC voltage
1500
VPEAK
Partial Discharge test voltage
VPR
Method a, Type and sample test
VPR = VIORM × 1.6, tm = 10 s
Partial discharge < 5 pC
2400
VPEAK
Method b1, 100 % Production test
VPR = VIORM × 1.85, tm = 1 s
Partial discharge < 5 pC
2812
VPEAK
Maximum Transient Isolation Voltage
VIOTM
Method a, Type an sample test
tini = 60 s
5000
VPEAK
Transient Isolation Voltage test
VIOTM,test
Method b1, 100% Production test
VIOTM,test = VIOTM × 1.2 tini = 1 s
6000
VPEAK
Maximum Impulse Voltage
VIMP
Type test; tested in air 1.2/50 μs
waveform per IEC 62368-1
4600
VPEAK
Maximum Surge Isolation Voltage
VIOSM
Type test; tested in oil 1.2/50 μs
waveform per IEC 62368-1
VIOSM ≥ VIMP × 1.3
6000
VPEAK
Isolation Resistance
RIO
Type test; VIO = 500 V
Tamb = 25 °C
>1012
Ω
Type test; VIO = 500 V
100 °C ≤ Tamb ≤ TS
>1011
Ω
Type test; VIO = 500 V
Tamb = TS = 150 °C
>109
Ω
Table 3. UL 1577 Isolation characteristics
Descripion
Symbol
Test Conditions
Characteristic
Unit
Isolation Withstand Voltage
VISO
60 s; Type test
3540/5000
VRMS/
VPEAK
Isolation Voltage Test
VISO,test
1 S; 100% production
4240/6000
VRMS/
VPEAK
Table 4. Safety-limiting values (maximum values allowed in the event of a failure)
Description
Symbol
Value
Unit
Safety temperature
Ts
150
°C
Input current
IS, INPUT
100
mA
Output power
PS, OUPUT
1400
mW
ISOSD61
Device specifications
DS13605 - Rev 11
page 5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com