Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ISOSD61
Description  High accuracy isolated Sigma-Delta modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISOSD61 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ISOSD61 Datasheet HTML 12Page - STMicroelectronics ISOSD61 Datasheet HTML 13Page - STMicroelectronics ISOSD61 Datasheet HTML 14Page - STMicroelectronics ISOSD61 Datasheet HTML 15Page - STMicroelectronics ISOSD61 Datasheet HTML 16Page - STMicroelectronics ISOSD61 Datasheet HTML 17Page - STMicroelectronics ISOSD61 Datasheet HTML 18Page - STMicroelectronics ISOSD61 Datasheet HTML 19Page - STMicroelectronics ISOSD61 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Table 14. Package dimensions
Dimensions
Databook (mm)
Drawing (mm)
Param.
Min.
Typ.
Max.
Min.
Typ.
Max.
Notes
A
2.35
2.65
2.36
2.50
A1
0.10
0.30
0.12
0.15
0.18
B
0.33
0.51
0.375
0.40
0.425
C
0.23
0.32
0.292
D
10.10
10.50
10.35
10.38
10.41
(1)
E
7.40
7.60
7.52
7.55
7.58
e
1.27
1.27
H
10
10.65
10.20
10.30
10.40
h
0.25
0.75
0.35
L
0.40
1.27
0.60
0.75
k
0
8
2
4
6
DEGREES
ddd
0.10
0.06
1. Dimension D does not include mold flash, protrusions or gate burrs.
Mold flash, protrusions, or gate burrs shall not exceed 0.15mm per side.
ISOSD61
Package description
DS13605 - Rev 11
page 16/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com