Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ISOSD61
Description  High accuracy isolated Sigma-Delta modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISOSD61 Datasheet(HTML) 4 Page - STMicroelectronics

  ISOSD61 Datasheet HTML 1Page - STMicroelectronics ISOSD61 Datasheet HTML 2Page - STMicroelectronics ISOSD61 Datasheet HTML 3Page - STMicroelectronics ISOSD61 Datasheet HTML 4Page - STMicroelectronics ISOSD61 Datasheet HTML 5Page - STMicroelectronics ISOSD61 Datasheet HTML 6Page - STMicroelectronics ISOSD61 Datasheet HTML 7Page - STMicroelectronics ISOSD61 Datasheet HTML 8Page - STMicroelectronics ISOSD61 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Table 1. Pin description
Pin No.
Pin name
Pin description (ISOSD61L)
Pin description (ISOSD61)
1
VDDISO
VDD high voltage side
VDD high voltage side
2
VIN+
Positive analog input
Positive analog input
3
VIN-
Negative analog input
Negative analog input
4
GNDISO
GND high voltage side
GND high voltage side
5
NC(1)
6
NC(1)
7
VDDISO
VDD high voltage side
VDD high voltage side
8
GNDISO
GND high voltage side
GND high voltage side
9
GND
GND low voltage side
GND low voltage side
10
MDAT-
Serial data output-
NC
11
MDAT+/MDAT
Serial data output+
Serial data output
12
MCLKIN-
Clock input-
NC
13
MCLKIN+/MCLKIN
Clock input+
Clock input
14
VDD
VDD low voltage side
VDD low voltage side
15
NC
16
GND
GND low voltage side
GND low voltage side
1. For test purpose only; it must be connected to GND in functional mode.
ISOSD61
Pin description
DS13605 - Rev 11
page 4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com