Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EPTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99DZ80EPTR
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EPTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99DZ80EPTR Datasheet HTML 17Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 18Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 19Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 20Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 21Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 22Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 23Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 24Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
DocID18260 Rev 6
21/68
L99DZ80EP
Electrical specifications
67
2.7
H-bridge driver
|IOLDECV|
Undercurrent threshold to GND
VS =13.5V;
VCC =5 V;
sink
10
20
30
mA
tFOL
Filter time of open-load signal
Duration of open-
load condition to set
the status bit
0.5
2.0
3.0
ms
Table 14. Current monitoring (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 15. Gate drivers for the external Power-MOS (H-bridge)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Drivers for external high-side Power-MOS
IGHx(Ch)
Average charge current
(charge stage)
Tj =25°C
0.3
A
RGHx
On-resistance (discharge-
stage)
VSHx =0V; IGHx =50mA;
Tj =25°C
46
8
VSHx =0V; IGHx =50mA;
Tj =125 °C
810
VGHxH
Gate-on voltage
Outputs floating
VSHx +
8
VSHx +
10
VSHx +
11.5
V
RGSHx
Passive gate-clamp
resistance
VGHx =0.5 V
15
k
Drivers for external low-side Power-MOS
IGLx(Ch)
Average charge-current
(charge stage)
Tj =25°C
0.3
A
RGLx
On-resistance (discharge-
stage)
VSLx =0V; IGHx =50mA;
Tj =25°C
46
8
VSLx =0V; IGHx =50mA;
Tj =125 °C
810
VGHLx
Gate-on voltage
Outputs floating
VSLx +
8
VSLx +
10
VSLx +
11.5
V
RGSLx
Passive gate-clamp
resistance
15
k
Table 16. Gate drivers for the external Power-MOS switching times
Symbol
Parameter
Test condition
Min. Typ. Max.
Unit
TG(HL)xHL
Propagation delay time high to
low (switch mode)(1)
VS = 13.5 V; VSHx =0;
RG =0 ; CG =2.7 nF
1.5
µs
TG(HL)xLH
Propagation delay time low to
high (switch mode)(1)
VS = 13.5 V; VSLx =0;
RG =0 ; CG =2.7 nF
1.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com