Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EPTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99DZ80EPTR
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EPTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99DZ80EPTR Datasheet HTML 35Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 36Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 37Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 38Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 39Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 40Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 41Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 42Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
DocID18260 Rev 6
39/68
L99DZ80EP
Application information
67
to be cleared through the SPI to reactivate the gate drivers. The drain source monitoring has
a filter time of typ. 6 µs. This monitoring is only active while the corresponding gate driver is
activated. If a drain-source monitor event is detected, the corresponding gate-driver remains
activated for at maximum the filter time. When the gate driver switches on, the drain-source
comparator requires the specified settling time until the drain-source monitoring is valid.
During this time, this drain-source monitor event may start the filter time. The threshold
voltage VSCd can be programmed using the SPI.
Figure 15. H-bridge diagnosis
3.19
H-bridge monitoring in off-mode
The drain source voltages of the H-Bridge driver external transistors can be monitored,
while the transistors are switched off. If either bit OL_H1L2 or OL_H2L1 is set to ‘1’, while bit
HEN = ‘1’, the H-drivers enter resistive low mode and the drain-source voltages can be
monitored. Since the pull-up resistance is equal to the pull-down resistance on both sides of
Table 26. H-bridge DS-monitor threshold
DIAG<1>
DIAG<0>
Monitoring threshold voltage (typical)
00
VSCD1 =0.5 V
01
VSCD2 =1.0 V
10
VSCD3 =1.5 V
11
VSCD4 =2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com