Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40M60C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS40M60C
Description  High efficiency 60 V power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40M60C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS40M60C Datasheet HTML 1Page - STMicroelectronics STPS40M60C Datasheet HTML 2Page - STMicroelectronics STPS40M60C Datasheet HTML 3Page - STMicroelectronics STPS40M60C Datasheet HTML 4Page - STMicroelectronics STPS40M60C Datasheet HTML 5Page - STMicroelectronics STPS40M60C Datasheet HTML 6Page - STMicroelectronics STPS40M60C Datasheet HTML 7Page - STMicroelectronics STPS40M60C Datasheet HTML 8Page - STMicroelectronics STPS40M60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPS40M60C
2/10
Doc ID 018813 Rev 1
1
Characteristics
When the two diodes 1 and 2 are used simultaneously:
ΔT
j(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 2.
Absolute ratings (limiting values, per diode, at Tamb = 25 °C unless
otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current,
δ = 0.5
Tc = 130 °C
Tc = 120 °C
Per diode
Per device
20
40
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
220
A
PARM
(1)
1.
For temperature or pulse time duration deratings, please refer to figure 3 and 4. More details regarding the
avalanche energy measurements and diode validation in the avalanche are provided in the application
notes AN1768 and AN2025.
Repetitive peak avalanche power
Tj = 25 °C, tp = 1 µs
23000
W
VARM
(2)
2.
See Figure 13
Maximum repetitive peak
avalanche voltage
tp < 1 µs, Tj < 150 °C, IAR < 86.3 A
80
V
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(3)
3.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
per diode
1.40
°C/W
total
0.95
Rth(c)
Coupling
0.50
°C/W
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com