Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40M60C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS40M60C
Description  High efficiency 60 V power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40M60C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS40M60C Datasheet HTML 1Page - STMicroelectronics STPS40M60C Datasheet HTML 2Page - STMicroelectronics STPS40M60C Datasheet HTML 3Page - STMicroelectronics STPS40M60C Datasheet HTML 4Page - STMicroelectronics STPS40M60C Datasheet HTML 5Page - STMicroelectronics STPS40M60C Datasheet HTML 6Page - STMicroelectronics STPS40M60C Datasheet HTML 7Page - STMicroelectronics STPS40M60C Datasheet HTML 8Page - STMicroelectronics STPS40M60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May 2011
Doc ID 018813 Rev 1
1/10
10
STPS40M60C
High efficiency 60 V power Schottky rectifier
Features
■ High current capability
■ Avalanche rated
■ Low forward voltage drop
■ Low leakage current
■ High frequency operation
Description
This dual diode Schottky rectifier is suited for high
frequency switch mode power supply.
Packaged in TO-220AB, I2PAK and D2PAK, this
device is particularly suited for use in notebook,
game station and desktop adapters, providing
these applications with a good efficiency at both
low and high load.
Figure 1.
Electrical characteristics(a)
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 20 A
VRRM
60 V
Tj (max)
150 °C
VF (typ)
385 mV
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 13. VAR and IAR are
pulse measurements (tp < 1 µs). VR, IR, VRRM and VF,
are static characteristics
A1
K
A2
A1
A2
K
K
A1
A2
K
K
TO-220AB
STPS40M60CT
I2PAK
STPS40M60CR
D2PAK
STPS40M60CG-TR
A1
A2
K
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
www.st.com


Similar Part No. - STPS40M60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40M60C STMICROELECTRONICS-STPS40M60C Datasheet
131Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
logo
Inchange Semiconductor ...
STPS40M60CG ISC-STPS40M60CG Datasheet
257Kb / 2P
Schottky Barrier Rectifier
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
More results

Similar Description - STPS40M60C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C Datasheet
449Kb / 9P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045C BCDSEMI-MBR3045C Datasheet
857Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
logo
Diodes Incorporated
MBR2045C DIODES-MBR2045C Datasheet
454Kb / 8P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 4
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
MBR2045LC DIODES-MBR2045LC Datasheet
323Kb / 6P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
MBR3045C DIODES-MBR3045C_17 Datasheet
435Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 4
logo
STMicroelectronics
STPS5L60SF STMICROELECTRONICS-STPS5L60SF Datasheet
323Kb / 9P
60 V power Schottky rectifier
July 2018 Rev 1
STPS10H60SF STMICROELECTRONICS-STPS10H60SF Datasheet
326Kb / 10P
60 V power Schottky rectifier
07-Nov-2018
STPS10M60SF STMICROELECTRONICS-STPS10M60SF Datasheet
324Kb / 9P
60 V power Schottky rectifier
DS12677 - Rev 1 - July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com