Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40M60C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS40M60C
Description  High efficiency 60 V power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40M60C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS40M60C Datasheet HTML 1Page - STMicroelectronics STPS40M60C Datasheet HTML 2Page - STMicroelectronics STPS40M60C Datasheet HTML 3Page - STMicroelectronics STPS40M60C Datasheet HTML 4Page - STMicroelectronics STPS40M60C Datasheet HTML 5Page - STMicroelectronics STPS40M60C Datasheet HTML 6Page - STMicroelectronics STPS40M60C Datasheet HTML 7Page - STMicroelectronics STPS40M60C Datasheet HTML 8Page - STMicroelectronics STPS40M60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS40M60C
4/10
Doc ID 018813 Rev 1
Figure 4.
Normalized avalanche power
derating versus pulse duration
Figure 5.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
P(tp)
P
(1µs)
ARM
ARM
t (µs)
p
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
P(T )
P
(25 °C)
ARM
j
ARM
T (°C)
j
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
Figure 7.
Relative thermal impedance
junction to case versus pulse
duration
I (A)
M
0
20
40
60
80
100
120
140
160
180
200
220
240
260
1.E-03
1.E-02
1.E-01
1.E+00
TC=25°C
TC=75°C
TC=125°C
IM
t
δ =0.5
t(s)
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
t (s)
p
Figure 8.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 9.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
I (mA)
R
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
010
20
30
40
50
60
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=50°C
Tj=75°C
V (V)
R
C(pF)
100
1000
10000
110
100
F=1MHz
VOSC=30mVRMS
Tj=25°C
V (V)
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com