Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDR Datasheet(PDF) 17 Page - Texas Instruments

Part # LM339LVDR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM339LVDR Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM339LVDR Datasheet HTML 13Page - Texas Instruments LM339LVDR Datasheet HTML 14Page - Texas Instruments LM339LVDR Datasheet HTML 15Page - Texas Instruments LM339LVDR Datasheet HTML 16Page - Texas Instruments LM339LVDR Datasheet HTML 17Page - Texas Instruments LM339LVDR Datasheet HTML 18Page - Texas Instruments LM339LVDR Datasheet HTML 19Page - Texas Instruments LM339LVDR Datasheet HTML 20Page - Texas Instruments LM339LVDR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
5.13 Typical Characteristics (continued)
TA = 25°C, VS = 5 V, RPULLUP = 2.5k, CL = 15 pF, VCM = GND, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV unless
otherwise noted.
Input Voltage (V)
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = 125°C
Unit 1
Unit 2
Unit 3
Unit 4
Figure 5-19. Offset Voltage vs. Input Votlage at 125°C, 1.8V
Input Voltage (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = 125°C
Unit 1
Unit 2
Unit 3
Unit 4
Figure 5-20. Offset Voltage vs. Input Votlage at 125°C, 5V
Input Voltage (V)
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = 25°C
Unit 1
Unit 2
Unit 3
Unit 4
Figure 5-21. Offset Voltage vs. Input Votlage at 25°C, 1.8V
Input Voltage (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = 25°C
Unit 1
Unit 2
Unit 3
Unit 4
Figure 5-22. Offset Voltage vs. Input Votlage at 25°C, 5V
Input Voltage (V)
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = -40°C
Unit 1
Unit 2
Unit 3
Unit 4
Figure 5-23. Offset Voltage vs. Input Votlage at -40°C, 1.8V
Input Voltage (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = -40°C
Unit 1
Unit 2
Unit 3
Unit 4
Figure 5-24. Offset Voltage vs. Input Votlage at -40°C, 5V
www.ti.com
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4D – JUNE 2020 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com