Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDR Datasheet(PDF) 29 Page - Texas Instruments

Part # LM339LVDR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM339LVDR Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM339LVDR Datasheet HTML 25Page - Texas Instruments LM339LVDR Datasheet HTML 26Page - Texas Instruments LM339LVDR Datasheet HTML 27Page - Texas Instruments LM339LVDR Datasheet HTML 28Page - Texas Instruments LM339LVDR Datasheet HTML 29Page - Texas Instruments LM339LVDR Datasheet HTML 30Page - Texas Instruments LM339LVDR Datasheet HTML 31Page - Texas Instruments LM339LVDR Datasheet HTML 32Page - Texas Instruments LM339LVDR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
7.2.4 Time Delay Generator
The circuit shown in Figure 7-13 provides output signals at a prescribed time interval from a time reference and
automatically resets the output low when the input returns to 0V. This is useful for sequencing a "power on"
signal to trigger a controlled start-up of power supplies.
+
±
100 NŸ
10 NŸ
+V
51 NŸ
10 0Ÿ
+
±
10 NŸ
10 0Ÿ
+
±
10 NŸ
10 0Ÿ
51 NŸ
51 NŸ
V1
V3
V2
+
±
R
100 NŸ
100 NŸ
VC
C
Input
Gating
Signal
VIN
t0
0
V
+
t4
Open
Drain
Output
t0
t1
t2
t3
t4
V1
V2
V3
VC
+VLOGIC2
RPU
+VLOGIC3
RPU
+VLOGIC1
RPU
RPU not required if using
push-pull output devices
t0 t1
t0
t2
t0
t3
1
2
3
4
Figure 7-13. Time Delay Generator
Consider the case of VIN = 0. The output of comparator 4 is also at ground, "shorting" the capacitor and holding
it at 0V. This implies that the outputs of comparators 1, 2, and 3 are also at 0V. When an input signal is applied,
the output of open drain comparator 4 goes High-Z and C charges exponentially through R. This is indicated in
the graph. The output voltages of comparators 1, 2, and 3 switch to the high state in sequence when VC rises
above the reference voltages V1, V2 and V3. A small amount of hysteresis has been provided by the 10 kΩ and
10 MΩ resistors to insure fast switching when the RC time constant is chosen to give long delay times. A good
starting point is R = 100 kΩ and C = 0.01 µF to 1 µF.
All outputs will immediately go low when VIN falls to 0V, due to the comparator output going low and immediately
discharging the capacitor.
Comparator 4 must be a open-drain type output (TLV902x), whereas comparators 1 though 3 may be either
open drain or push-pull output, depending on system requirements. RPU is not required for push-pull output
devices.
7.2.5 Logic Level Shifter
The output is the uncommitted drain of the output transistor. Many open-drain outputs can be tied together to
provide an output OR'ing function if desired.
www.ti.com
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4D – JUNE 2020 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com