Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDR Datasheet(PDF) 30 Page - Texas Instruments

Part # LM339LVDR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM339LVDR Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM339LVDR Datasheet HTML 26Page - Texas Instruments LM339LVDR Datasheet HTML 27Page - Texas Instruments LM339LVDR Datasheet HTML 28Page - Texas Instruments LM339LVDR Datasheet HTML 29Page - Texas Instruments LM339LVDR Datasheet HTML 30Page - Texas Instruments LM339LVDR Datasheet HTML 31Page - Texas Instruments LM339LVDR Datasheet HTML 32Page - Texas Instruments LM339LVDR Datasheet HTML 33Page - Texas Instruments LM339LVDR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
+
±
R1
VCC
Logic
Out
VLOGIC
0
RPULLUP
VLOGIC
Logic
In
10 kŸ
R2
10 kŸ
VCC
VCC
0
Open
Drain
Output
Figure 7-14. Universal Logic Level Shifter
The two 10 kΩ resistors bias the input to half of the input logic supply level to set the threshold in the mid-point
of the input logic levels. Only one shared output pull-up resistor is needed and may be connected to any pull-up
voltage between 0 V and 5.5 V. The pullup voltage should match the driven logic input "high" level.
7.2.6 One-Shot Multivibrator
+
±
R1
1 0Ÿ
R2
1 0Ÿ
R4
D1
1N4148
C1
100 pF
D2
1N4148
C2
t0
+VIN
+V
t0
t1
V2
V1
PW
0
+V
RPULLUP
+V
Figure 7-15. One-Shot Multivibrator
A monostable multivibrator has one stable state in which it can remain indefinitely. It can be triggered externally
to another quasi-stable state. A monostable multivibrator can thus be used to generate a pulse of desired width.
The desired pulse width is set by adjusting the values of C2 and R4. The resistor divider of R1 and R2 can be
used to determine the magnitude of the input trigger pulse. The output will change state when V1 < V2. Diode
D2 provides a rapid discharge path for capacitor C2 to reset at the end of the pulse. The diode also prevents the
non-inverting input from being driven below ground.
7.2.7 Bi-Stable Multivibrator
+
±
R3
100 NŸ
R1
100 NŸ
+V
SET
S
R
+V
R2
100 NŸ
RESET
R4
50 NŸ
+V
RPU
4.7 NŸ
Figure 7-16. Bi-Stable Multivibrator
A bi-stable multivibrator has two stable states. The reference voltage is set up by the voltage divider of R2 and
R3. A pulse applied to the SET terminal will switch the output of the comparator high. The resistor divider of R1,
R4, and R5 now clamps the non-inverting input to a voltage greater than the reference voltage. A pulse applied to
RESET will now toggle the output low.
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4D – JUNE 2020 – REVISED NOVEMBER 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com