Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R51212S Datasheet(PDF) 7 Page - STMicroelectronics

Part # GS-R51212S
Description  31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R51212S Datasheet(HTML) 7 Page - STMicroelectronics

  GS-R51212S Datasheet HTML 1Page - STMicroelectronics GS-R51212S Datasheet HTML 2Page - STMicroelectronics GS-R51212S Datasheet HTML 3Page - STMicroelectronics GS-R51212S Datasheet HTML 4Page - STMicroelectronics GS-R51212S Datasheet HTML 5Page - STMicroelectronics GS-R51212S Datasheet HTML 6Page - STMicroelectronics GS-R51212S Datasheet HTML 7Page - STMicroelectronics GS-R51212S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Figure 3 - Typical Application.
Inhibit/Enable Input
The Inhibit/Enable function allows the ON/OFF
logic control of the module.
The converter is ON (Enable) when the voltage
applied to pin 2 (EN.) and referred to pin 1 (GND
IN) is lower than 0.8V (TTL, CMOS, open collector
compatible level).
The converter is OFF (Inhibit) when pin 2 is uncon-
nected or the voltage applied is in the range of 1.2V
to +Vin. Maximum sinking current is 1mA.
Module Protection
The module is protected against occasional and
permanent short-circuits of the output pins to
ground, as well as against output current overload.
The main output (+5.1V) uses a foldback current
limiting; the output current decreases with increas-
ing overload, reaching a minimum at short-circuit
condition.
This solution minimizes internal power dissipation.
The auxiliary outputs (
±12V or ±15V) use a current
limiting protection circuitry.
Thermal characteristics
Sometimes the GS-R51212S and GS-R51515S re-
quire an external heat-sink depending on both op-
erating temperature conditions and power.
Before entering into calculations details, some ba-
sic concepts will be explained to better understand
the problem.
The thermal resistance between two points is rep-
resented by their temperature difference in front of
a specified dissipated power, and it is expressed in
Degree Centigrade per Watt (
°C/W).
For the modules the thermal resistance case to
ambient is 7.5
°C/W. This means that an internal
power dissipation of 1W will bring the case tempera-
ture at 7.5
°C above the ambient temperature.
The maximum case temperature is 85
°C.
Let’s suppose to have a GS-R51515S that delivers
the maximum output power of 31.4W at an ambient
temperature of 40
°C.
7/8
GS-R51212S/GS-R51515S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com