Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R51212S Datasheet(PDF) 6 Page - STMicroelectronics

Part # GS-R51212S
Description  31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R51212S Datasheet(HTML) 6 Page - STMicroelectronics

  GS-R51212S Datasheet HTML 1Page - STMicroelectronics GS-R51212S Datasheet HTML 2Page - STMicroelectronics GS-R51212S Datasheet HTML 3Page - STMicroelectronics GS-R51212S Datasheet HTML 4Page - STMicroelectronics GS-R51212S Datasheet HTML 5Page - STMicroelectronics GS-R51212S Datasheet HTML 6Page - STMicroelectronics GS-R51212S Datasheet HTML 7Page - STMicroelectronics GS-R51212S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
Figure 2 - Reset and Power Fail waveforms.
Auxiliary Outputs
The auxiliary outputs (
±12V or ±15V) are externally
adjustable in symmetric way by connecting a
resistor Ra between pin 10 (ADJ.) and pin 8
(Vo + 12/+15V), according to the following formula:
GS
−R51212S
Ra
= 32.66 × Vo − 4.229
12.485
− Vo
GS
−R51515S
Ra
= 38.66 × Vo − 4.39
15.252
− Vo
where Vo is the desired dual output voltage.
Example: Vo =
±5V.
Ra
(GS−R51212S)= 3.36kΩ
Ra
(GS−R51515S)= 2.3kΩ
Example: Vo =
±10V.
Ra
(GS−R51212S)= 75.8kΩ
Ra
(GS−R51515S)= 41.3kΩ
GS-R51212S/GS-R51515S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com