Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R51212S Datasheet(PDF) 8 Page - STMicroelectronics

Part # GS-R51212S
Description  31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R51212S Datasheet(HTML) 8 Page - STMicroelectronics

  GS-R51212S Datasheet HTML 1Page - STMicroelectronics GS-R51212S Datasheet HTML 2Page - STMicroelectronics GS-R51212S Datasheet HTML 3Page - STMicroelectronics GS-R51212S Datasheet HTML 4Page - STMicroelectronics GS-R51212S Datasheet HTML 5Page - STMicroelectronics GS-R51212S Datasheet HTML 6Page - STMicroelectronics GS-R51212S Datasheet HTML 7Page - STMicroelectronics GS-R51212S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8/8
The dissipated power in this operating condition is
about 7.4W (at typical efficiency of 81%), and the
case temperature of the module will be:
Tcase
= Tamb + Pd × Rth = 40 + 7.4 × 7.5 = 95.5
°C
This value exceeds the maximum allowed tempera-
ture and an external heat-sink must be added. To
this purpose four holes (see mechanical drawing)
are provided on the metal surface of the module.
To calculate this heat-sink, let’s first determine what
the total thermal resistance should be:
Rth
= Tcase(max) − Tamb
Pd
= 85 − 40
7.4
= 5.40
°C ⁄ W
This value is the resulting value of the parallel
connection of GS-R thermal resistance and of the
additional heatsink thermal resistance.
Rth
(GSR)
× Rth (Heatsink)
Rth
(GSR
) + Rth (Heatsink)
= 5.40°C/ W
To calculate the thermal resistance of the additional
heat-sink the following equation may be used:
Rth
(Heatsink)= 5.40 × Rth (GSR)
Rth(GSR) − 5,40
= 5.40× 7.5
7.5
− 5.40
= 19.3 °C/ W
In instead of or in addition to the external heatsink,
a forced ventilation with an air speed of about 200
linear feet/minute can be used reducing the thermal
resistance of the module at the specified value.
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics – All Rights Reserved
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
GS-R51212S/GS-R51515S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com